Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP113ALF-DS-R05 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # IP113ALF-DS-R05
Description  10 /100Base-Tx/Fx Media Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP113ALF-DS-R05 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button IP113ALF-DS-R05 Datasheet HTML 2Page - List of Unclassifed Manufacturers IP113ALF-DS-R05 Datasheet HTML 3Page - List of Unclassifed Manufacturers IP113ALF-DS-R05 Datasheet HTML 4Page - List of Unclassifed Manufacturers IP113ALF-DS-R05 Datasheet HTML 5Page - List of Unclassifed Manufacturers IP113ALF-DS-R05 Datasheet HTML 6Page - List of Unclassifed Manufacturers IP113ALF-DS-R05 Datasheet HTML 7Page - List of Unclassifed Manufacturers IP113ALF-DS-R05 Datasheet HTML 8Page - List of Unclassifed Manufacturers IP113ALF-DS-R05 Datasheet HTML 9Page - List of Unclassifed Manufacturers IP113ALF-DS-R05 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
IP113A LF
Preliminary Data Sheet
6/22
April 9, 2007
Copyright © 2004, IC Plus Corp.
IP113A LF-DS-R08
1.
PIN Description (continued)
Pin no.
Label
Type
Description
LED pins
31
LED_TP_LINK
O
TP port link LED
On: link ok,
Off: link fail,
Flash: link ok & activity
(Flash: on for 20ms and off for 80ms)
33
LED_TP_SPD
O
TP port speed LED
On: 100M,
Off: 10M
32
LED_TP_FDX
O
TP port full duplex LED
On: full,
Off: half,
Flash: half & collision happens
(Flash: on for 20ms and off for 80ms)
36
LED_FX_LINK
O
Fiber port link LED
On: link ok,
Off: link fail,
Flash: link ok & activity
(Flash: on for 20ms and off for 80ms)
37
LED_FX_FDX
O
Fiber port full duplex LED
On: full,
Off: half,
Flash: half & collision happens
(Flash: on for 20ms and off for 80ms)
38
LED_FX_SD
Fiber port signal detect
On: fiber signal detected,
Off: fiber unplugged
30
LED_FX_FEF_DET
O
Far end fault pattern received
For End Fault Patterns Receive
LED On: 80ms, LED Off: 20ms
For End Fault Pattern not Receive
LED always Off
Note: The output of LED pin is logic low when the LED is on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com