Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1001-DS-R03 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # IP1001-DS-R03
Description  Integrated 10/100/1000 Gigabit Ethernet Transceiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1001-DS-R03 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button IP1001-DS-R03 Datasheet HTML 24Page - List of Unclassifed Manufacturers IP1001-DS-R03 Datasheet HTML 25Page - List of Unclassifed Manufacturers IP1001-DS-R03 Datasheet HTML 26Page - List of Unclassifed Manufacturers IP1001-DS-R03 Datasheet HTML 27Page - List of Unclassifed Manufacturers IP1001-DS-R03 Datasheet HTML 28Page - List of Unclassifed Manufacturers IP1001-DS-R03 Datasheet HTML 29Page - List of Unclassifed Manufacturers IP1001-DS-R03 Datasheet HTML 30Page - List of Unclassifed Manufacturers IP1001-DS-R03 Datasheet HTML 31Page - List of Unclassifed Manufacturers IP1001-DS-R03 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
IP1001 LF
Data Sheet
28/48
Dec. 18, 2007
Copyright © 2006, IC Plus Corp.
IP1001-DS-R06
4.2
Status Register (Reg1)
Bit
Name
Description
Type
HW
Reset
SW
Reset
1.0
Extended
Capability
1: Support extended register capabilities
0: Support basic register set capabilities only
RO
1
1
1.1
Jabber Detect
1: Jabber condition detected
0: No jabber condition detected
RO
LH
0
0
1.2
Link Status
1: Link is up
0: Link is down
RO
LL
0
0
1.3
Auto-Negotiation
Ability
1: PHY is able to perform Auto-Negotiation
0: PHY is not able to perform Auto-Negotiation
RO
1
1
1.4
Remote Fault
1: Remote fault condition detected
0: No remote fault condition detected
RO
LH
0
0
1.5
Auto-Negotiation
Complete
1: Auto-Negotiation process completed
0: Auto-Negotiation process not completed
RO
0
0
1.6
MF Preamble
Suppression
1: PHY accepts management frames with
preamble suppressed.
0: PHY does not accept management frames
with preamble suppressed.
RO
Reserved 1
1.7
Reserved
Ignore when read
RO
Reserved 0
1.8
Extended Status
1: There is extended status information in
Register 15
0: No extended status information in Register
15
RO
Reserved 1
1.9
100BASE-T2 Half
Duplex
1: PHY able to perform half duplex 100BASE-T2
0: PHY not able to perform half duplex
100BASE-T2
RO
Reserved 0
1.10
100BASE-T2 Full
Duplex
1: PHY able to perform full duplex 100BASE-T2
0: PHY not able to perform full duplex
100BASE-T2
RO
Reserved 0
1.11
10Mb/s Half Duplex 1: PHY able to operate at 10 Mb/s in half
duplex mode
0: PHY not able to operate at 10 Mb/s in half
duplex mode
RO
1
1
1.12
10 Mb/s Full
Duplex
1: PHY able to operate at 10Mb/s in full duplex
mode
0: PHY not able to operate at 10Mb/s in full
duplex mode
RO
1
1
1.13
100BASE-X Half
Duplex
1: PHY able to perform half duplex 100BASE-X
0: PHY not able to perform half duplex 100BASE-X
RO
1
1
1.14
100BASE-X Full
Duplex
1: PHY able to perform full duplex 100BASE-X
0: PHY not able to perform full duplex 100BASE-X
RO
1
1
1.15
100BASE-T4
1: PHY able to perform 100BASE-T4
0: PHY not able to perform 100BASE-T4
RO
Reserved 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com