Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1000ALF-DS-R02 Datasheet(PDF) 66 Page - List of Unclassifed Manufacturers

Part # IP1000ALF-DS-R02
Description  Gigabit Ethernet NIC Single Chip
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1000ALF-DS-R02 Datasheet(HTML) 66 Page - List of Unclassifed Manufacturers

Back Button IP1000ALF-DS-R02 Datasheet HTML 62Page - List of Unclassifed Manufacturers IP1000ALF-DS-R02 Datasheet HTML 63Page - List of Unclassifed Manufacturers IP1000ALF-DS-R02 Datasheet HTML 64Page - List of Unclassifed Manufacturers IP1000ALF-DS-R02 Datasheet HTML 65Page - List of Unclassifed Manufacturers IP1000ALF-DS-R02 Datasheet HTML 66Page - List of Unclassifed Manufacturers IP1000ALF-DS-R02 Datasheet HTML 67Page - List of Unclassifed Manufacturers IP1000ALF-DS-R02 Datasheet HTML 68Page - List of Unclassifed Manufacturers IP1000ALF-DS-R02 Datasheet HTML 69Page - List of Unclassifed Manufacturers IP1000ALF-DS-R02 Datasheet HTML 70Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 75 page
background image
IP1000A LF
Preliminary Data Sheet
66/75
July 5, 2005
Copyright © 2005, IC Plus Corp.
IP1000A LF-DS-R08
4
Absolute Maximum Ratings
Storage Temperature...................-65ºC to +150ºC
Ambient Temperature ....................-65ºC to +70ºC
Supply Voltage................................-0.3V to +3.6V
Environmental stresses above those listed in Absolute Maximum Ratings may cause permanent damage
resulting in device failure. Functionality at or above the limits listed below is not guaranteed. Exposure to
the environmental stress at the levels listed below for extended periods may adversely affect device
reliability.
5
Operating Ranges
Commercial Devices
Temperature (T A ) .............................. 0ºC to +70ºC
Supply Voltages (V CCH ) ..................... +3.3V ±10%
Supply Voltages (V CCL ) ....................... +1.8V ±5%
Input voltages .................................5V tolerant I/O
Operating ranges define the limits of guaranteed device functionality.
6
DC Characteristics
DC characteristics are defined over commercial operating ranges unless specified otherwise.
Operating Conditions
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
Supply Voltage
VCC
1.73
1.8
1.89
V
Supply Voltage
VCC_O
3.135
3.3
3.465
V
Power Consumption
2.05
W
1000M full, VCC=1.8V,
VCC_O=3.3V
Power Consumption
0.64
W
100M full, VCC=1.8V,
VCC_O=3.3V
Power Consumption
0.63
W
10M full, VCC=1.8V,
VCC_O=3.3V
Power Consumption
0.92
W
10M idle, VCC=1.8V,
VCC_O=3.3V
Power Consumption (without LED power consumption)
Cable length
120m CAT5
Link Partner
IP1000A LF
Link condition
Digital 1.8V Analog 1.8V
CT 3.3V
Digital 3.3V Analog 3.3V
Actual voltage
1.8V
1.8V
3.3V
3.3V
3.3V
Watt
1000Mb Master
1000Mb D0 static
0.445A
0.197A
0.18A
0.02A
0.07A
2.05W
1000Mb D0 dynamic
0.450A
0.197A
0.18A
0.03A
0.07A
2.06W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com