Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP175ALF-DS-R01 Datasheet(PDF) 50 Page - List of Unclassifed Manufacturers

Part # IP175ALF-DS-R01
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175ALF-DS-R01 Datasheet(HTML) 50 Page - List of Unclassifed Manufacturers

Back Button IP175ALF-DS-R01 Datasheet HTML 46Page - List of Unclassifed Manufacturers IP175ALF-DS-R01 Datasheet HTML 47Page - List of Unclassifed Manufacturers IP175ALF-DS-R01 Datasheet HTML 48Page - List of Unclassifed Manufacturers IP175ALF-DS-R01 Datasheet HTML 49Page - List of Unclassifed Manufacturers IP175ALF-DS-R01 Datasheet HTML 50Page - List of Unclassifed Manufacturers IP175ALF-DS-R01 Datasheet HTML 51Page - List of Unclassifed Manufacturers IP175ALF-DS-R01 Datasheet HTML 52Page - List of Unclassifed Manufacturers IP175ALF-DS-R01 Datasheet HTML 53Page - List of Unclassifed Manufacturers IP175ALF-DS-R01 Datasheet HTML 54Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 60 page
background image
IP175A LF
Preliminary Data Sheet
50/60
February 20, 2006
Copyright © 2004, IC Plus Corp.
IP175A LF-DS-R08
Bit
Function
R/W
Description
Default
MII status register (address 01H)
2
Link Status
RO
LL
1 = Link Pass
0 = Link Fail
When read as logic 1, indicates that IP175A LF has
determined a valid link has been established. When read as
logic 0, indicates the link is not valid. This bit is cleared until
a valid link has been established and before reading the
contents of this registers.
0
1
Jabber Detect
1 = jabber condition detected
0 = no jabber condition detected
When read as logic 1, indicates that IP175A LF has detected
a jabber condition. This bit is always 0 for 100Mbps
operation and is cleared after IP113A reset. This bit is set
until jabber condition is cleared and reading the contents of
the register.
0
0
Extended
capability
RO
1 = Extended register capabilities
0 = No extended register capabilities
IP175A LF has extended register capabilities.
1
Bit
Function
R/W
Description
Default
PHY Identifier (address 02H)
15:0 PHY identifier
RO
IP175A LF OUI (Organizationally Unique Identifier) ID, the
msb is 3
rd bit of IP175A LF OUI ID, and the lsb is 18th bit of
IP175A LF OUI ID. IP175A LF OUI is 0090C3.
0243h
Bit
Function
R/W
Description
Default
PHY Identifier (address 03H)
15:10 PHY identifier
RO
IP175A LF OUI ID, the msb is 19
th bit of IP175A LF OUI ID,
and lsb is 24
th bit of IP175A LF OUI ID.
3h
9:4
Manufacture’s
Model Number
RO
IP175A LF model number
05h
3:0
Revision Number
RO
IP175A LF revision number
0
Bit
Function
R/W
Description
Default
Auto-Negotiation Advertisement register (address 04H)
15
Next Page
Not supported
0
14
Reserved
RW
Reserved by IEEE, write as 0, ignore on read
0
13
Remote Fault
R/W
Not supported
0
12:11 Reserved
RO
Reserved for future IEEE use, write as 0, ignore on read
0
10
Pause
RW
1 = Advertises that this device has implemented pause function
0 = No pause function supported
0
9
100BASE-T4
RW
Not supported
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com