Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP175CLF Datasheet(PDF) 73 Page - List of Unclassifed Manufacturers

Part # IP175CLF
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175CLF Datasheet(HTML) 73 Page - List of Unclassifed Manufacturers

Back Button IP175CLF Datasheet HTML 69Page - List of Unclassifed Manufacturers IP175CLF Datasheet HTML 70Page - List of Unclassifed Manufacturers IP175CLF Datasheet HTML 71Page - List of Unclassifed Manufacturers IP175CLF Datasheet HTML 72Page - List of Unclassifed Manufacturers IP175CLF Datasheet HTML 73Page - List of Unclassifed Manufacturers IP175CLF Datasheet HTML 74Page - List of Unclassifed Manufacturers IP175CLF Datasheet HTML 75Page - List of Unclassifed Manufacturers IP175CLF Datasheet HTML 76Page - List of Unclassifed Manufacturers IP175CLF Datasheet HTML 77Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 111 page
background image
IP175C/IP175C LF/IP175CH/IP175CH LF
Data Sheet
73/111
Mar 09, 2007
Copyright © 2004, IC Plus Corp.
IP175C/IP175CH-DS-R14
PHY
MII
ROM
R/W
Description
Default
P4_FORCE
Port4 force mode enable
1: enable force mode
0: disable force mode, port4 NWAY with all capability
Default value
P4EXT=1
P4EXT=0
Pin 96
MII0_MAC_MOD=1
Pin 96
MII0_MAC_MOD=0
29
22.15
19.4
R/W
0
Pin76
Pin85
*
P3_FORCE
Port3 force mode enable
1: enable force mode
0: disable force mode, port3 NWAY with all capability
Default value
P4EXT=1
P4EXT=0
MII0_MAC_MOD=1
MII0_MAC_MOD=0
29
22.14
19.3
R/W
0
Pin77
Pin86
*
P2_FORCE
Port2 force mode enable
1: enable force mode
0: disable force mode, port2 NWAY with all capability
Default value
P4EXT=1
P4EXT=0
MII0_MAC_MOD=1
MII0_MAC_MOD=0
29
22.13
19.2
R/W
0
Pin78 (0)
Pin87 (0)
*
P1_FORCE
Port1 force mode enable
1: enable force mode
0: disable force mode, port1 NWAY with all capability
Default value
P4EXT=1
P4EXT=0
MII0_MAC_MOD=1
MII0_MAC_MOD=0
29
22.12
19.1
R/W
0
Pin79 (0)
Pin88 (0)
*
P0_FORCE
Port0 force mode enable
1: enable force mode
0: disable force mode, port0 NWAY with all capability
Default value
P4EXT=1
P4EXT=0
Pin 96
MII0_MAC_MOD=1
Pin 96
MII0_MAC_MOD=0
29
22.11
19.0
R/W
0
Pin80 (0)
Pin90 (0)
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com