Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1000ALF-DS-R04 Datasheet(PDF) 62 Page - List of Unclassifed Manufacturers

Part # IP1000ALF-DS-R04
Description  Gigabit Ethernet NIC Single Chip
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1000ALF-DS-R04 Datasheet(HTML) 62 Page - List of Unclassifed Manufacturers

Back Button IP1000ALF-DS-R04 Datasheet HTML 58Page - List of Unclassifed Manufacturers IP1000ALF-DS-R04 Datasheet HTML 59Page - List of Unclassifed Manufacturers IP1000ALF-DS-R04 Datasheet HTML 60Page - List of Unclassifed Manufacturers IP1000ALF-DS-R04 Datasheet HTML 61Page - List of Unclassifed Manufacturers IP1000ALF-DS-R04 Datasheet HTML 62Page - List of Unclassifed Manufacturers IP1000ALF-DS-R04 Datasheet HTML 63Page - List of Unclassifed Manufacturers IP1000ALF-DS-R04 Datasheet HTML 64Page - List of Unclassifed Manufacturers IP1000ALF-DS-R04 Datasheet HTML 65Page - List of Unclassifed Manufacturers IP1000ALF-DS-R04 Datasheet HTML 66Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 75 page
background image
IP1000A LF
Preliminary Data Sheet
62/75
July 5, 2005
Copyright © 2005, IC Plus Corp.
IP1000A LF-DS-R08
Bit
BIT Name
BIT Description
2
DisableMemBase Disable Memory Base Address Register. DisableMemBase does not
correspond directly to any register accessible by the host system. If
DisableMemBase is a logic 1 during auto initialization of the IP1000A LF, the
MemBaseAddress register will be disabled. When disabled, the value
returned when the MemBaseAddress register is read is undefined.
3
D3ColdPme
D3 Cold Power Management Event. D3ColdPme corresponds to bit 15 of
the PmeSupport field within the PowerMgmtCap register.
4
D1Support
D1 Power State Support. D1Support corresponds to the D1Support bit of the
PowerMgmtCap register, and bit 12 of the PmeSupport field within the
PowerMgmtCap register.
5
D2Support
D2 Power State Support. D2Support corresponds to the D2Support bit of the
PowerMgmtCap register, and bit 13 of the PmeSupport field within the
PowerMgmtCap register.
6
PmeEn
Power Management Event Enable. PmeEn corresponds to the PmeEn bit in
the PowerMgmtCtrl register.
10..7
MinGnt
Minimum Grant. MinGnt corresponds to bits 7 through 4 of the MinGnt
register.
15..11 MaxLat
Maximum Latency. MaxLat corresponds to bits 5 through 1 of the Max-Lat
register.
3.2.3.2
AsicCtrl
Class............................. EEPROM Fields
I/O Base Address ......... 0x00, accessed via the EepromCtrl register
Address Offset .............. 0x01
Access Rule.................. Word
Width ............................ 16 bits
ASIC Control supplies the value for several bits of the AsicCtrl register and the WakeEvent register.
Bit
BIT Name
BIT Description
0
Exp-ROMDisable 0: Enable Exp-ROM. (Default)
1: Disable Exp-ROM.
1
Reserved
Reserved for future use.
2
Reserved
Reserved for future use. Write as zero, ignore on read.
3
Reserved
Reserved for future use. Write as zero, ignore on read.
4
PhySpeed10
Physical Layer Device Speed 10. PhySpeed10 corresponds to the
PhySpeed10 bit in the AsicCtrl register.
5
PhySpeed100
Physical Layer Device Speed 100. PhySpeed100 corresponds to the
PhySpeed100 bit in the AsicCtrl register.
6
PhySpeed1000
Physical Layer Device Speed 1000. PhySpeed1000 corresponds to the
PhySpeed1000 bit AsicCtrl register.
7
Reserved
Reserved for future use.
8
ForcedConfigMode 0: Enable EEPROM (Default)
1: Disable EEPROM
14..9
Reserved
Reserved for future use. Write as zero, ignore on read.
15
WakeOnLan-
Polarity
Wake-On-LAN
Polarity.
WakeOnLanPolarity
corresponds
to
the
WakeOnLanEnable bit in the WakeEvent register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com