Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP175ALF-DS-R03 Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # IP175ALF-DS-R03
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175ALF-DS-R03 Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button IP175ALF-DS-R03 Datasheet HTML 38Page - List of Unclassifed Manufacturers IP175ALF-DS-R03 Datasheet HTML 39Page - List of Unclassifed Manufacturers IP175ALF-DS-R03 Datasheet HTML 40Page - List of Unclassifed Manufacturers IP175ALF-DS-R03 Datasheet HTML 41Page - List of Unclassifed Manufacturers IP175ALF-DS-R03 Datasheet HTML 42Page - List of Unclassifed Manufacturers IP175ALF-DS-R03 Datasheet HTML 43Page - List of Unclassifed Manufacturers IP175ALF-DS-R03 Datasheet HTML 44Page - List of Unclassifed Manufacturers IP175ALF-DS-R03 Datasheet HTML 45Page - List of Unclassifed Manufacturers IP175ALF-DS-R03 Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 60 page
background image
IP175A LF
Preliminary Data Sheet
42/60
February 20, 2006
Copyright © 2004, IC Plus Corp.
IP175A LF-DS-R08
ROM
MII
Pin name
Description
(VLAN register 2)
Default
EEPROM registers 10H
10.7
--
--
Don’t care
10.6
14.14
--
Port2 Class of service enable
1: enable, 0: disabled (default)
Packets with high priority tag from port2 are handled as high
priority packets.
1’b0
10.5
14.13
--
Port2 set to be high priority port
1: enable, 0: disabled (default)
Packets received from port2 are handled as high priority
packets.
1’b0
10.4
--
--
Port2 VLAN look up table
The register defines the ports in the same VLAN with port2.
The bit 0~4 are corresponding to port 0~4.
1: port 4 and port2 are in the same VLAN
0: port 4 and port2 are not in the same VLAN
1’b1
10.3
--
--
Port2 VLAN look up table
1: port 3 and port2 are in the same VLAN
0: port 3 and port2 are not in the same VLAN
1’b1
10.2
--
--
Don’t care
10.1
--
--
Port2 VLAN look up table
1: port 1 and port2 are in the same VLAN
0: port 1 and port2 are not in the same VLAN
1’b1
10.0
--
--
Port2 VLAN look up table
1: port 0 and port2 are in the same VLAN
0: port 0 and port2 are not in the same VLAN
1’b1
ROM
MII
Pin name
Description
(VLAN register 3)
Default
EEPROM registers 11H
11.7
--
--
Don’t care
11.6
14.6
--
Port3 Class of service enable
1: enable, 0: disabled (default)
Packets with high priority tag from port3 are handled as high
priority packets.
1’b0
11.5
14.5
--
Port3 set to be high priority port
1: enable, 0: disabled (default)
Packets received from port3 are handled as high priority
packets.
1’b0
11.4
--
--
Port3 VLAN look up table
The register defines the ports in the same VLAN with port3.
The bit 8~12 are corresponding to port 0~4.
1: port 4 and port3 are in the same VLAN
0: port 4 and port3 are not in the same VLAN
1’b1
11.3
--
--
Don’t care
11.2
--
--
Port3 VLAN look up table
1: port 2 and port3 are in the same VLAN
0: port 2 and port3 are not in the same VLAN
1’b1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com