Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP178CLF Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # IP178CLF
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP178CLF Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button IP178CLF Datasheet HTML 16Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 17Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 18Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 19Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 20Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 21Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 22Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 23Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 93 page
background image
IP178C/IP178C LF/IP178CH/IP178CH LF
Datasheet
20/93
June 21, 2007
Copyright © 2004, IC Plus Corp.
IP178Cx-DS-R12
Pin description (continued)
Pin no.
Label
Type
Description
Basic operation parameter setting of switch
87
LDPS_DIS
IPL1
Disable link down power saving mode
0: enable link down power saving mode (default)
1: disable link down power saving mode
LDPS_DIS is full duplex LED of port 0 after reset.
The function is valid only if pin 53 EXTMII_EN is pulled low.
89
MLT3_DET
IPL1
Ability for detecting MLT3 (for 10 Mbps switch to 100 Mbps)
0: disable MLT3 detection ability (default)
1: enable MLT3 detection ability
MLT3_DET is link LED of port 7 after reset.
91
BF_STM_EN
IPL1
Broadcast storm enable
1: enable, 0: disable (default)
A port begins to drop packets if it receives broadcast packets
more than the threshold defined in MII register 31.9[15:14]
bq_stm_thr_sel [1:0] or EEPROM register 83[7:6].
93
MODBCK
IPH1
/ O
Aggressive back off enable
IP178C/IP178CH
adopts
modified
(aggressive)
back
off
algorithm if this function is enabled. The maximum back off
period is limited to 8-slot time. It makes IP178C/IP178CH have
higher transmission priority in a collision event.
1: aggressive mode enable (default),
0: standard back off
It is link LED of port 4 after reset.
76
AGING
IPH1
Aging enable
1: enable 300s aging timer (default)
0: disable aging function
The function is valid only if pin 53 EXTMII_EN is pulled low.
73
SEL_SCA
IPL1
Select SCA function
Function selection for PIN_84
0: PIN_84 is LOW_10M_DIS
(default)
1: PIN_84 is SCA_DIS
75
X_EN
IPH1
/O
Flow control enable
1: enable IEEE802.3x & back pressure (default),
0: disable IEEE802.3x & back pressure
The function is valid only if pin 53 EXTMII_EN is pulled low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com