Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP175C-DS-R04 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # IP175C-DS-R04
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175C-DS-R04 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button IP175C-DS-R04 Datasheet HTML 2Page - List of Unclassifed Manufacturers IP175C-DS-R04 Datasheet HTML 3Page - List of Unclassifed Manufacturers IP175C-DS-R04 Datasheet HTML 4Page - List of Unclassifed Manufacturers IP175C-DS-R04 Datasheet HTML 5Page - List of Unclassifed Manufacturers IP175C-DS-R04 Datasheet HTML 6Page - List of Unclassifed Manufacturers IP175C-DS-R04 Datasheet HTML 7Page - List of Unclassifed Manufacturers IP175C-DS-R04 Datasheet HTML 8Page - List of Unclassifed Manufacturers IP175C-DS-R04 Datasheet HTML 9Page - List of Unclassifed Manufacturers IP175C-DS-R04 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 111 page
background image
IP175C/IP175C LF/IP175CH/IP175CH LF
Data Sheet
6/111
Mar 09, 2007
Copyright © 2004, IC Plus Corp.
IP175C/IP175CH-DS-R14
Comparison Table of IP175A & IP175C/IP175CH
Item/Part Number
IP175A
IP175C/IP175CH
Pin Assignment
Compatible
Process
0.25um
0.18um
Package Type
128pin PQFP
128pin PQFP
Major Block
MAC/5ports+PHY/5ports
MAC/6ports+PHY/5ports
MAC Address
1K
2K
AUTO-MDI-MDIX
Yes
Yes
10M/100M Copper (10BT, 100BaseTx)
Yes
Yes
100M Fiber (100BaseFX)
Yes
No (Yes for IP175CH only)
Max Frame Size
1536
1536/1552 (Pin Option)
4+1+1: 4Tx+Two MII I/F (RMII I/F)
Yes (No)
Yes (Yes, MII0, 1 & 2)
4+ 3MII
No
Yes
5+1: 5Tx+1 MII I/F
No
Yes
SMI I/F(MDC/MDIO) CTRL PHY reg.
Yes (As data Sheet)
Yes (MDC/MDIO*2)
SNI I/F
Yes
Yes (MII0/SNI Option)
EEPROM I/F (24C01A)
Yes
Yes
Flow Control-802.3x
Yes
Yes
Flow Control-Backpressure
Yes
Yes
Port Base COS
Yes
Yes (Through SMI0)
Port Base VLAN
Yes
Yes (Through SMI0)
QOS- VLAN tag
Yes
Yes (Through SMI0)
Tag VLAN
No
Yes
QOS IPV4 TCP/IP Cos
Yes
Yes
QOS IPV6 TCP/IP Cos
No
Yes
Broadcast Storm Protection
Yes
Yes
Power Saving
Yes
Yes
Loop Back Test
PHY of port 5
Each port
Port Security Option
No
Yes
8-level Bandwidth Control
No
Yes
Link Quantity LED
No
Yes
Power down
No
Yes
Dual color mode LED
No
Yes
Spanning Tree protocol
No
Yes
Smart MAC
No
Yes
Special address handling
No
Yes
Diff serve
No
Yes
Direct forwarding
No
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com