Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP178C-DS-R09 Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # IP178C-DS-R09
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP178C-DS-R09 Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button IP178C-DS-R09 Datasheet HTML 30Page - List of Unclassifed Manufacturers IP178C-DS-R09 Datasheet HTML 31Page - List of Unclassifed Manufacturers IP178C-DS-R09 Datasheet HTML 32Page - List of Unclassifed Manufacturers IP178C-DS-R09 Datasheet HTML 33Page - List of Unclassifed Manufacturers IP178C-DS-R09 Datasheet HTML 34Page - List of Unclassifed Manufacturers IP178C-DS-R09 Datasheet HTML 35Page - List of Unclassifed Manufacturers IP178C-DS-R09 Datasheet HTML 36Page - List of Unclassifed Manufacturers IP178C-DS-R09 Datasheet HTML 37Page - List of Unclassifed Manufacturers IP178C-DS-R09 Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 93 page
background image
IP178C/IP178C LF/IP178CH/IP178CH LF
Datasheet
34/93
June 21, 2007
Copyright © 2004, IC Plus Corp.
IP178Cx-DS-R12
2.3
Port locking
IP178C/IP178CH supports port locking. Each port can be configured individually by programming MII
register 30.31[8:0] or EEPROM 63[0] and 62[7:0]. User has to reset IP178C/IP178CH by writing
16’h55AA to MII register 30.0 after enabling this function. IP178C/IP178CH locks first MAC address if the
function is enabled. Any packet with MAC address not equal to the locked one will be dropped.
User has to turn off aging function when using the port locking function. Aging function can be disabled
by pulling low pin 76 AGING or programming register 30.1[3:2].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com