Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML150LR Datasheet(PDF) 2 Page - Mag Instrument, Inc.

Part # ML150LR
Description  LED RECHARGEABLE FLASHLIGHT SYSTEM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGLITE [Mag Instrument, Inc.]
Direct Link  https://maglite.com/
Logo MAGLITE - Mag Instrument, Inc.

ML150LR Datasheet(HTML) 2 Page - Mag Instrument, Inc.

  ML150LR Datasheet HTML 1Page - Mag Instrument, Inc. ML150LR Datasheet HTML 2Page - Mag Instrument, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
High-Reliability Electronic Switch With QuickClik® User Interface
The QuickClik® user interface, already familiar to anyone who knows our product line, is what gives the ML150LR™ flashlight its
extreme versatility. It enables each user to custom-configure the flashlight to optimize ease of access to the functions he or she
needs most. Five separate functions are available – High Power, Low Power, Eco Mode®, Strobe (12 Hz) and Momentary (“Dead-
Man Switch”) mode. These are organized into four different function sets – General, Outdoor, Law Enforcement and Military. So,
for example, if a user selects the “General” function set, three of the five functions are accessible: High Power (with one click),
Low Power (two clicks), and Eco Mode® (three clicks). If a user invokes the “Law Enforcement” function set, a different set of three
functions, in a different order, becomes accessible: Momentary (with one click), Full Power (two clicks), and Eco Mode® (three clicks).
In the “Outdoor” and “Military” function sets, the Strobe function is one of the accessible functions.
A WINNING FORMULA
STATE-OF-THE-ART COMPONENTS + DESIGN INNOVATIONS
= BREAKTHROUGH PERFORMANCE
Specs at a glance
Ergonomic Quick-Release Button-
for fast, effortless retrieval of light
Powered Charging Cradle-
for permanent stowage, secures
light even in roughest conditions
Charge Status Indicator Light-
changes color to show battery charge level
QuickFocus™-
adjusts from spot to flood with
about 1/4 turn of the head
Multi-Mode
Electronic Switch-
for quick access to
any of 5 functions
Our first 1,000-lumen flashlight did not happen by accident. As white-light power LED technology has
improved, Mag Instrument R&D has been paying attention. With latest-generation LEDs, it’s possible to
produce more light with lower power consumption than could have been imagined even a short while
ago. But new ultra-bright LEDs also brought new challenges: They generate lots of heat; and if an LED
overheats, its efficiency plummets. As its temperature rises, the LED demands more and more power
to make less and less light. Heat management, therefore, is a critical challenge, one that holds the key
to unlock the full light-producing potential of the newest, brightest LEDs. Mag Instrument has met that
challenge by developing an innovative heat-sinking technology. The ML150LR™ is the first flashlight to
employ that recently-patented technology, which is exclusive to Mag Instrument.
So it is no coincidence that the ML150LR™ is also Mag Instrument’s first thousand-lumen flashlight
– despite its modest weight and dimensions. Its C-cell-size format puts it squarely in the “Mid-Size”
category.
The ML150LR™ is also Mag’s first mid-size flashlight to use Lithium Iron Phosphate (LiFePO4)
rechargeable battery chemistry, which affords greater safety than older rechargeable chemistries and
allows faster recharging (about 2.5 hours from “dead” to “full”).
Not that there should be much reason for the battery ever to deplete entirely. The ML150LR™ flashlight
is designed for permanent stowage in its powered charging cradle, which automatically controls charge
rate and cannot overcharge the battery. The cradle can be powered either by the 12- volt DC electrical
system of a vehicle or by 120-volt AC household current. So the flashlight can be charged and ready
for action at all times. The improved charging cradle has enough clamping force that the flashlight will
not fall out, even if mounted upside down in a vehicle traveling over a bumpy road, and yet the new,
ergonomically friendly quick-release button allows fast, effortless retrieval.
Flashlight Features
• New, patented heat-sink technology for improved light
output and power management
• Our highest-ever light output (1,000 lumens) and
longest-ever beam distance (450 meters)*
• Three power settings – High (1,000 lumens); Low (120
lumens); Eco (20 lumens)*
• Five available functions – the 3 power settings plus
Strobe (12 Hz) and Momentary
• Long run times (4 hr @ High, 30 hr @ Low, 75 hr @
Eco power setting)*
• IPX4 water resistant*
• Fast-handling mid-size format
• Easy, intuitive QuickClik® user interface
• Customizable for quickest access to each user’s
preferred functions
Rechargeable Battery Features
• Lithium Iron Phosphate (LiFePO4) chemistry for
improved safety and performance
• Long service life – rated for up to 1,000 charge/
discharge cycles
Charging Cradle Features
• Fast charging – about 2.5 hr from “dead” state
• For permanent flashlight stowage – can’t overcharge
battery
• Charge status indicator light
• High clamping force secures light even in rough
conditions
• Improved quick-release button
• Supplied with AC and DC adapters
• Mountable in any position, even upside-down
Type
Mid-Size Rechargeable
Lumens (High)
1000 lm*
Beam Distance
450 m*
Battery
(LiFePO4) Included
Weight With Batteries
15.5 oz. / 439 g
Water-Resistant (IPX4)
Yes
Technology
LED
Length
10.687 in. / 271.45 mm
Run Time, High/Low/Eco 4h */ 30h */ 75h*
Rechargeable
Yes
Quick Recharge Time approx. 2.5 hr.*
120 Volt Charger
Yes
12 Volt Charger
Yes
Color
Black
3 LAW ENFORCEMENT
2 OUTDOOR
1 GENERAL
(Default)
4 TACTICAL
Full Power
Full Power
Momentary
Momentary
Low Power
Low Power
Full Power
Full Power
Eco
Strobe
Eco
Strobe
*All performance figures are estimates. Final testing, under the ANSI FL-1 Flashlight Basic Performance Standard (2009), is pending.
The following chart summarizes the function sets, and the
functions that are accessible within each set:
The default function set, programmed at the factory, is “General.”
So if a user is satisfied with three functions (High, Low and Eco, in
that order), then he or she need never reconfigure the flashlight and
may simply use it in its “straight-out-of-the-box” configuration.
The charging cradle can be hard-wired into a vehicle’s 12-volt DC electrical system, or powered through a
cigarette-lighter adapter, or, with the supplied converter, can be connected to 120-volt AC current.
The cradle, mountable on any flat surface, has enough
clamping force to secure the flashlight even when mounted
upside down in a moving vehicle on a rough road.
MID SIZE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com