Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE-C232 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ACE-C232
Description  PS/2 Size 230W Redundant Power Supply
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ACE-C232 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ACE-C232 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ACE-C232 PS/2Size230WRedundantPowerSupply
Power Fault Warning:
In case one power module failed, the buzzer and LED will act.
After pushing reset button, the buzzer stops and the LED still light
until the failed power module is fixed.
ACE-R23A 230W Redundant Power Module
Input : 90V to 130V AC or 180V to 260V AC selectable,
Output (Max. Output Power 230W at 30ºC)
Output
Min. Load
Rated Load
Max. Load
Voltage Accessory
+5V
4.0A
20A
25A
4.80V to 5.20V
+12V
1.0A
10A
12A
11.4V to 12.9V
-12V
0.1A
0.5A
1A
-11.30V to -12.60V
-5V
0.1A
0.5A
1A
-4.65V to -5.25V
Ripple and Noise:
The peak to peak ripple and noise for +5V output is less than 50mV, for ±12V and -5V
output is less than 100mV.
Line Regulation:
The line regulation for each output is less ±1% while measuring at rated load and ±10%
or 115VAC or 230VAC input voltage changing.
Load Regulation:
The output voltage load regulation is less than the following valuse by changing each
output and ±40% from 60% rated load, and keep all other outputs at 60% rated load.
+5V : ±4%
+12V : ±5%
-12V : ±2%
-5V : ±2%
Hold Up Time: >16ms
Power Good Signal:
Go high 100ms to 500ms after all output DC Voltages are within regulation limits.
Efficiency: 70% typical
Output protection: Over Voltage Protection and Short Protection
Operating temperature : 0 ~ 50ºC (derating about 20% form 30ºC to 50ºC)
Storage temperature : -40 ~ 75ºC
Cooling: Cooling with a 42CFM forced air
MTBF: 122,347 Hrs
Safety Standards: CSA22.2 No. 234;
EMI Standard: ECC docket 20780 curve “B” ; EN55022 class “B”
Connectors: DIN 41612 C96
Pin Assignment:
Pin 1
AC L
Pin 11, 12, 13
+12V
4
AC N
11~25
GND
9
-5V
26~31
+5V
10
-12V
32
Power Good
Specification
Ordering Information
Part No.
Description
ACE-C232-RS
PS/2 size 230W redundant power supply includes two ACE-R23A
ACE-R23A-RS
230W redundant power module, For ACE-C232
®
Dimension
Safety
100%
85%
70%
60%
50%
50
30 40
60 70
Pout
Tamb ºC
Spectra Computersysteme GmbH
www.spectra.de spectra@spectra.de
Spectra (Schweiz) AG
www.spectra.ch info@spectra.ch
Spectra Automatisierungstechnik GmbH
www.spectra-austria.at info@spectra-austria.at


Similar Part No. - ACE-C232

ManufacturerPart #DatasheetDescription
logo
Applied Concepts Inc.
ACE-12-1275 ACIPOWER-ACE-12-1275 Datasheet
93Kb / 1P
CCFL INVERTER
ACE-12-1816 ACIPOWER-ACE-12-1816 Datasheet
203Kb / 3P
CCFL INVERTER
logo
IEI Integration Corp.
ACE-4840APM IEI-ACE-4840APM Datasheet
468Kb / 1P
400 W PS/2 Medical T ACE-4840APM ype ATX Power Supply
ACE-4840APM-RS IEI-ACE-4840APM-RS Datasheet
468Kb / 1P
400 W PS/2 Medical T ACE-4840APM ype ATX Power Supply
logo
List of Unclassifed Man...
ACE-716 ETC1-ACE-716 Datasheet
93Kb / 1P
RUGGED AC/DC INPUT 150W POWER SUPPLY
More results

Similar Description - ACE-C232

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
DTB-R232 BOSER-DTB-R232 Datasheet
86Kb / 1P
230W Redundant Power Supply
logo
Advantech Co., Ltd.
IPC-6608 ADVANTECH-IPC-6608 Datasheet
1Mb / 2P
8/6-Slot Desktop/Wallmount Chassis with PS/2 and Redundant Power Supply Options
IPC-6606 ADVANTECH-IPC-6606_12 Datasheet
2Mb / 2P
6/8-Slot Desktop/Wallmount Chassis with PS/2 or Redundant Power Supply
IPC-6608 ADVANTECH-IPC-6608_12 Datasheet
2Mb / 2P
6/8-Slot Desktop/Wallmount Chassis with PS/2 or Redundant Power Supply
logo
List of Unclassifed Man...
R2A-460D1V2 ETC2-R2A-460D1V2 Datasheet
337Kb / 12P
460W460W 2/3U Redundant Power Supply.
R2A-500D1V2 ETC2-R2A-500D1V2 Datasheet
319Kb / 12P
500W500W 2/3U Redundant Power Supply.
R2A-550D1V2 ETC2-R2A-550D1V2 Datasheet
336Kb / 12P
550W550W 2/3U Redundant Power Supply.
logo
Axiomtek Co., Ltd.
PS401-HRP AXIOMTEK-PS401-HRP_16 Datasheet
64Kb / 1P
PS/2 x 2 Redundant Power
PS401-HRP AXIOMTEK-PS401-HRP_17 Datasheet
63Kb / 1P
Power Supplies -PS/2 x 2 Redundant Power
logo
Adlink Technology Inc.
CPCIS-ET1100 ADLINK-CPCIS-ET1100 Datasheet
211Kb / 2P
Redundant Power Supply
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com