Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTA2000YA4 Datasheet(PDF) 1 Page - Schneider Electric

Part # KTA2000YA4
Description  Canalis KT Additional run components
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

KTA2000YA4 Datasheet(HTML) 1 Page - Schneider Electric

  KTA2000YA4 Datasheet HTML 1Page - Schneider Electric KTA2000YA4 Datasheet HTML 2Page - Schneider Electric KTA2000YA4 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
접합 블록, Canalis KTA, 단일 참조,
2000A, 알루미늄 컨덕터, 3L+N+PE
KTA2000YA4
기본항목
레인지
Canalis
제품명
KT
제품 또는 구성요소 타입
Junction block
offer type
Spare part
버스바 설명
Standard
호환성
Canalis KTA
액세서리(부속품 등) / 별도의 부품 카
테고리
연결 액세서리(부속품 등)
Application
Jointing
자재
알루미늄
[Ie]
정격 운전 전류
2000 A 가진 알루미늄
polarity
3L + N + PE
PE conductor
Standard earth
Icw short-circuit version
Standard version
강화된 버전
IP
등급
IP55 conforming to IEC 60529
길이
360 mm
전기적/기계적 특성
하우징 자재
Polyester film
취부 방식
Self-tapping screw
[Ue]
정격 운전 전압
1000 V
회로의 수
1
색상
백색 RAL 9001)
너비
140 mm
높이
204 mm
표준
IEC 61439-6
IEC 61439-1
사용환경
보호의 IK 정도
IK08 conforming to IEC 62262
포장 단위
Unit Type of Package 1
PCE
제품 데이터 시트
사양
2025. 7. 29.
1


Similar Part No. - KTA2000YA4

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
KTA2000YA3 SCHNEIDER-KTA2000YA3 Datasheet
298Kb / 3P
Canalis KT Additional run components
2025. 7. 29.
KTA2000YA5 SCHNEIDER-KTA2000YA5 Datasheet
298Kb / 3P
Canalis KT Additional run components
2025. 7. 29.
KTA2000YA7 SCHNEIDER-KTA2000YA7 Datasheet
298Kb / 3P
Canalis KT Additional run components
2025. 7. 29
More results

Similar Description - KTA2000YA4

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
KT15R25 SHINDENGEN-KT15R25 Datasheet
136Kb / 1P
TSS KT Series
logo
Winchester Electronics ...
KTK-3 WINCHESTER-KTK-3 Datasheet
29Kb / 1P
KT STEEPER
KTK-4 WINCHESTER-KTK-4 Datasheet
27Kb / 1P
KT-SIRPPER
KTK-5 WINCHESTER-KTK-5 Datasheet
27Kb / 1P
KT-SIRPPER
KTK-6 WINCHESTER-KTK-6 Datasheet
27Kb / 1P
KT-SIRPPER
KTK-7 WINCHESTER-KTK-7 Datasheet
27Kb / 1P
KT-SIRPPER
KTK-8 WINCHESTER-KTK-8 Datasheet
27Kb / 1P
KT-SIRPPER
KTK-9 WINCHESTER-KTK-9 Datasheet
27Kb / 1P
KT-SIRPPER
KTK-11 WINCHESTER-KTK-11 Datasheet
27Kb / 1P
KT-SIRPPER
KTK-12 WINCHESTER-KTK-12 Datasheet
29Kb / 1P
KT-SIRPPER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com