Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2012DR Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS2012DR
Description  POWER-DISTRIBUTION
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2012DR Datasheet(HTML) 1 Page - Texas Instruments

  TPS2012DR Datasheet HTML 1Page - Texas Instruments TPS2012DR Datasheet HTML 2Page - Texas Instruments TPS2012DR Datasheet HTML 3Page - Texas Instruments TPS2012DR Datasheet HTML 4Page - Texas Instruments TPS2012DR Datasheet HTML 5Page - Texas Instruments TPS2012DR Datasheet HTML 6Page - Texas Instruments TPS2012DR Datasheet HTML 7Page - Texas Instruments TPS2012DR Datasheet HTML 8Page - Texas Instruments TPS2012DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
TPS2010, TPS2011, TPS2012, TPS2013
POWER-DISTRIBUTION
SLVS097A – DECEMBER 1994 – REVISED AUGUST 1995
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D 95-mΩ Max (5.5-V Input) High-Side MOSFET
Switch With Logic Compatible Enable Input
D Short-Circuit and Thermal Protection
D Typical Short-Circuit Current Limits:
0.4 A, TPS2010; 1.2 A, TPS2011;
2 A, TPS2012; 2.6 A, TPS2013
D Electrostatic-Discharge Protection, 12-kV
Output, 6-kV All Other Terminals
D Controlled Rise and Fall Times to Limit
Current Surges and Minimize EMI
D SOIC-8 Package Pin Compatible With the
Popular Littlefoot
™ Series When GND Is
Connected
D 2.7-V to 5.5-V Operating Range
D 10-µA Maximum Standby Current
D Surface-Mount SOIC-8 and TSSOP-14
Packages
D –40°C to 125°C Operating Junction
Temperature Range
description
The TPS201x family of power-distribution switches is intended for applications where heavy capacitive loads
and short circuits are likely to be encountered. The high-side switch is a 95-m
Ω N-channel MOSFET. Gate drive
is provided by an internal driver and charge pump designed to control the power switch rise times and fall times
to minimize current surges during switching. The charge pump operates at 100 kHz, requires no external
components, and allows operation from supplies as low as 2.7 V. When the output load exceeds the current-limit
threshold or a short circuit is present, the TPS201x limits the output current to a safe level by switching into a
constant-current mode. Continuous heavy overloads and short circuits increase power dissipation in the switch
and cause the junction temperature to rise. If the junction temperature reaches approximately 180
°C, a thermal
protection circuit shuts the switch off to prevent damage. Recovery from thermal shutdown is automatic once
the device has cooled sufficiently.
The members of the TPS201x family differ only in short-circuit current threshold. The TPS2010 is designed to
limit at 0.4-A load; the other members of the family limit at 1.2 A, 2 A, and 2.6 A (see the available options table).
The TPS201x family is available in 8-pin small-outline integrated circuit (SOIC) and 14-pin thin shink
small-outline (TSSOP) packages and operates over a junction temperature range of – 40
°C to 125°C. Versions
in the 8-pin SOIC package are drop-in replacements for Siliconix’s Littlefoot
™ power PMOS switches, except
that GND must be connected.
Copyright
© 1995, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
8
7
6
5
GND
IN
IN
EN
OUT
OUT
OUT
OUT
D PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
GND
IN
IN
IN
IN
IN
EN
OUT
OUT
OUT
OUT
OUT
OUT
OUT
PW PACKAGE
(TOP VIEW)


Similar Part No. - TPS2012DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2012DR TI1-TPS2012DR Datasheet
720Kb / 21P
POWER-DISTRIBUTION
TPS2012DRG4 TI1-TPS2012DRG4 Datasheet
720Kb / 21P
POWER-DISTRIBUTION
More results

Similar Description - TPS2012DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2010 TI-TPS2010 Datasheet
366Kb / 17P
POWER-DISTRIBUTION
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
POWER-DISTRIBUTION SWITCHES
logo
Intersil Corporation
ISL6115 INTERSIL-ISL6115_07 Datasheet
278Kb / 12P
Power Distribution Controllers
February 6, 2007
logo
Cooper Bussmann, Inc.
CPB1601 COOPER-CPB1601 Datasheet
132Kb / 2P
Power Distribution Blocks
logo
Micrel Semiconductor
MIC2537 MICREL-MIC2537_11 Datasheet
86Kb / 12P
Quad Power Distribution Switch Quad Power Distribution Switch
logo
Texas Instruments
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
POWER-DISTRIBUTION SWITCHES
TPS2012DR TI1-TPS2012DR Datasheet
720Kb / 21P
POWER-DISTRIBUTION
logo
List of Unclassifed Man...
3-553079-1 ETC2-3-553079-1 Datasheet
78Kb / 1P
POWER DISTRIBUTION
logo
Texas Instruments
TPS2010 TI1-TPS2010_16 Datasheet
940Kb / 21P
POWER-DISTRIBUTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com