Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12/2SHDB Datasheet(PDF) 2 Page - Structured Cable Products Inc.

Part # 12/2SHDB
Description  SHIELDED DIRECT BURIAL CABLE-
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STRUCTURED-CABLE [Structured Cable Products Inc.]
Direct Link  https://scpcat5e.com/
Logo STRUCTURED-CABLE - Structured Cable Products Inc.

12/2SHDB Datasheet(HTML) 2 Page - Structured Cable Products Inc.

  12/2SHDB Datasheet HTML 1Page - Structured Cable Products Inc. 12/2SHDB Datasheet HTML 2Page - Structured Cable Products Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.scpcat5e.com
sales@scpcat5e.com
Direct: 954-327-5770
Toll Free: 866-470-5742
SCP PART#: 12/2SHDB
DESCRIPTION:
SHIELDED DIRECT BURIAL SPEAKER CABLE- 2C/12 AWG 65 STRAND OFC, AL FOIL, DRAIN, WBT, LLDPE JKT-
BLACK- 1000 FT / 305 M SPOOL
UPC: 817777011173
Packaging:
Packages per
pallet
48/64
36/45
18/27
Package
100M/SPOOL
152M/SPOOL
305M/SPOOL
Approx.Weight
11.27kg/24.84lbs
16.9kg/37.26lbs
32.5kg/71.65lbs
Approx.Dimension(mm)
270x270x160
360X200X160
360X340X160
Marking:
STRUCTURED CABLE PRODUCTS --- 12/2SH-DB --- 2C 12 AWG STRANDED
SHIELDED OUTDOOR/DIRECT BURIAL - LLDPE JKT - EU RoHS ZONE/DEVICE
A B C D E 0 1 2 3 4 5 6 7 8 9 ***FEET



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com