Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2100DBVT Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS2100DBVT
Description  VAUX POWER-DISTRIBUTION SWITCHES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2100DBVT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS2100DBVT Datasheet HTML 4Page - Texas Instruments TPS2100DBVT Datasheet HTML 5Page - Texas Instruments TPS2100DBVT Datasheet HTML 6Page - Texas Instruments TPS2100DBVT Datasheet HTML 7Page - Texas Instruments TPS2100DBVT Datasheet HTML 8Page - Texas Instruments TPS2100DBVT Datasheet HTML 9Page - Texas Instruments TPS2100DBVT Datasheet HTML 10Page - Texas Instruments TPS2100DBVT Datasheet HTML 11Page - Texas Instruments TPS2100DBVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
TPS2100, TPS2101
VAUX POWER-DISTRIBUTION SWITCHES
SLVS197D – JUNE 1999 – REVISED JUNE 2000
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Figure 4. Propagation Delay and Rise Time
With 0.1-
µF Load, IN1
EN
(2 V/div)
t – Time – 250
µs/div
VO
(2 V/div)
VI(IN1) = 3.3 V
VI(IN2) = 0 V
CL = 0.1 µF
RL = 330 Ω
Figure 5. Propagation Delay and Fall Time
With 0.1-
µF Load, IN2
EN
(2 V/div)
t – Time – 1
µs/div
VO
(2 V/div)
VI(IN1) = 0 V
VI(IN2) = 3.3 V
CL = 0.1 µF
RL = 330 Ω
Figure 6. Propagation Delay and Fall Time
With 0.1-
µF Load, IN1
EN
(2 V/div)
t – Time – 5
µs/div
VO
(2 V/div)
VI(IN1) = 3.3 V
VI(IN2) = 0 V
CL = 0.1 µF
RL = 330 Ω
Figure 7. Propagation Delay and Fall Time
With 0.1-
µF Load, IN2
EN
(2 V/div)
t – Time – 50
µs/div
VO
(2 V/div)
VI(IN1) = 0 V
VI(IN2) = 3.3 V
CL = 0.1 µF
RL = 330 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com