Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2104DBVT Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS2104DBVT
Description  VAUX POWER-DISTRIBUTION SWITCHES
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2104DBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS2104DBVT Datasheet HTML 9Page - Texas Instruments TPS2104DBVT Datasheet HTML 10Page - Texas Instruments TPS2104DBVT Datasheet HTML 11Page - Texas Instruments TPS2104DBVT Datasheet HTML 12Page - Texas Instruments TPS2104DBVT Datasheet HTML 13Page - Texas Instruments TPS2104DBVT Datasheet HTML 14Page - Texas Instruments TPS2104DBVT Datasheet HTML 15Page - Texas Instruments TPS2104DBVT Datasheet HTML 16Page - Texas Instruments TPS2104DBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
TPS2104, TPS2105
VAUX POWER-DISTRIBUTION SWITCHES
SLVS235A – SEPTEMBER 1999 – REVISED APRIL 2000
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
power supply considerations (continued)
switch transition
The n-channel MOSFET on IN1 uses a charge pump to create the gate-drive voltage, which gives the IN1 switch
a rise time of approximately 0.4 ms. The p-channel MOSFET on IN2 has a simpler drive circuit that allows a
rise time of approximately 4
µs. Because the device has two switches and a single enable pin, these rise times
are seen as transition times, from IN1 to IN2, or IN2 to IN1, by the output. The controlled transition times help
limit the surge currents seen by the power supply during switching.
thermal protection
Thermal protection provided on the IN1 switch prevents damage to the IC when heavy-overload or short-circuit
faults are present for extended periods of time. The increased dissipation causes the junction temperature to
rise to dangerously high levels. The protection circuit senses the junction temperature of the switch and shuts
it off at approximately 145
°C (TJ). The switch remains off until the junction temperature has dropped
approximately 10
°C. The switch continues to cycle in this manner until the load fault or input power is removed.
undervoltage lockout
An undervoltage lockout function is provided to ensure that the power switch is in the off state at power up.
Whenever the input voltage falls below approximately 2 V, the power switch quickly turns off. This function
facilitates the design of hot-insertion systems that may not have the capability to turn off the power switch before
input power is removed. Upon reinsertion, the power switch will be turned on with a controlled rise time to reduce
EMI and voltage overshoots.
power dissipation and junction temperature
The low on-resistance on the n-channel MOSFET allows small surface-mount packages, such as SOIC, to pass
large currents. The thermal resistances of these packages are high compared to those of power packages; it
is good design practice to check power dissipation and junction temperature. First, find ron at the input voltage
and operating temperature. As an initial estimate, use the highest operating ambient temperature of interest and
read ron from Figure 17 or Figure 18. Next calculate the power dissipation using:
P
D +
ron
I2
Finally, calculate the junction temperature:
T
J +
P
D
RqJA ) TA
Where:
TA = Ambient temperature
RθJA = Thermal resistance
Compare the calculated junction temperature with the initial estimate. If they do not agree within a few degrees,
repeat the calculation using the calculated value as the new estimate. Two or three iterations are generally
sufficient to obtain a reasonable answer.
ESD protection
All TPS2104 and TPS2105 terminals incorporate ESD-protection circuitry designed to withstand a 2-kV
human-body-model, 750-V CDM, and 200-V machine-model discharge as defined in MIL-STD-883C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com