Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VHCT273AM Datasheet(PDF) 4 Page - STMicroelectronics

Part # 74VHCT273AM
Description  OCTAL D-TYPE FLIP FLOP WITH CLEAR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHCT273AM Datasheet(HTML) 4 Page - STMicroelectronics

  74VHCT273AM Datasheet HTML 1Page - STMicroelectronics 74VHCT273AM Datasheet HTML 2Page - STMicroelectronics 74VHCT273AM Datasheet HTML 3Page - STMicroelectronics 74VHCT273AM Datasheet HTML 4Page - STMicroelectronics 74VHCT273AM Datasheet HTML 5Page - STMicroelectronics 74VHCT273AM Datasheet HTML 6Page - STMicroelectronics 74VHCT273AM Datasheet HTML 7Page - STMicroelectronics 74VHCT273AM Datasheet HTML 8Page - STMicroelectronics 74VHCT273AM Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CAPACITIVE CHARACTERISTICS
Symb ol
Parameter
T est Cond ition s
Val ue
Un it
TA =25
oC
-40 to 85
oC
Min.
Typ .
Max.
Min .
Max.
CIN
Input Capacitance
4
10
10
pF
CPD
Power Dissipation
Capacitance (note 1)
15
pF
1) CPD isdefined as the value of the IC’sinternal equivalent capacitance which is calculated fromthe operating current consumption without load. (Referto
Test Circuit).Average operating current can be obtained by the following equation. ICC(opr) = CPD
• VCC • fIN +ICC/8 (per Flip-Flop)
AC ELECTRICAL CHARACTERISTICS (Input tr =tf =3 ns)
Symb ol
Parameter
Test Co nditi on
Val ue
Un it
VCC
(V)
CL
(pF )
TA =25
oC
-40 to 85
oC
Min.
Typ .
Max.
Min .
Max.
tPLH
tPHL
Propagation Delay
Time CK to Q
5.0
(*)
15
5.6
8.2
1.0
10.0
ns
5.0
(*)
50
6.3
9.2
1.0
11.0
tPHL
Propagation Delay
Time CLR to Q
5.0
(*)
15
6.9
10.0
1.0
11.6
ns
5.0
(*)
50
7.7
11.0
1.0
12.6
tw
CLR pulse Width
LOW
5.0
(*)
5.0
5.0
ns
tw
CK pulse Width
HIGH or LOW
5.0
(*)
5.0
5.0
ns
ts
Setup Time D to CK
HIGH or LOW
5.0
(*)
2.0
2.0
ns
th
Hold Time D to CK
HIGH or LOW
5.0
(*)
2.0
2.0
ns
tREM
Removal Time
CLR to CK
5.0
(*)
1.0
1.0
ns
fMAX
Maximum Clock
Frequency
5.0
(*)
15
75
170
65
MHz
5.0
(*)
50
50
160
45
tOSLH
tOSHL
Output to Output Skew
Time (note 1)
5.0
(*)
50
1.0
1.0
ns
(*) Voltage range is 5V
± 0.5V
Note 1: Parameter guaranteed by design. tsoLH =|tpLHm-tpLHn|, tsoHL =|tpHLm -tpHLn|
DYNAMIC SWITCHING CHARACTERISTICS
Symb ol
Parameter
T est Cond ition s
Val ue
Un it
VCC
(V)
TA =25
oC
-40 to 85
oC
Min.
Typ .
Max.
Min .
Max.
VOLP
Dynamic Low Voltage
Quiet Output (note 1, 2)
5.0
CL =50 pF
0.6
0.9
V
VOLV
-0.9
-0.6
VIHD
Dynamic High Voltage
Input (note 1, 3)
5.0
2.0
VILD
Dynamic Low Voltage
Input (note 1, 3)
5.0
0.8
1) Worst case package.
2) Max number of outputs defined as (n). Data inputs are driven 0V to 3.0V, (n -1) outputs switching and one output at GND.
3) Max number of data inputs (n) switching. (n-1) switching 0V to3.0V. Inputs under test switching: 3.0V to threshold (VILD), 0V to threshold (VIHD), f=1MHz.
74VHCT273A
4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com