Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS5100IPW.A Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS5100IPW.A
Description  TRIPLE-CHANNEL PWM CONTROL CIRCUITS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS5100IPW.A Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS5100IPW.A Datasheet HTML 3Page - Texas Instruments TPS5100IPW.A Datasheet HTML 4Page - Texas Instruments TPS5100IPW.A Datasheet HTML 5Page - Texas Instruments TPS5100IPW.A Datasheet HTML 6Page - Texas Instruments TPS5100IPW.A Datasheet HTML 7Page - Texas Instruments TPS5100IPW.A Datasheet HTML 8Page - Texas Instruments TPS5100IPW.A Datasheet HTML 9Page - Texas Instruments TPS5100IPW.A Datasheet HTML 10Page - Texas Instruments TPS5100IPW.A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
TPS5100
TRIPLE-CHANNEL PWM CONTROL CIRCUITS
SLVS169 – JANUARY 2000
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 8
INPUT THRESHOLD VOLTAGE (DTC)
vs
TIMING CAPACITOR
10
100
10000
fOSC – Oscillator Frequency – kHz
1000
1.04
1.02
0
0.98
VCC = 3.3 V
RT = 6.8 kΩ
TA = 25°C
Figure 9
INPUT THRESHOLD VOLTAGE (DTC)
vs
TIMING CAPACITOR
10
100
10000
fOSC – Oscillator Frequency – kHz
1000
0.42
0.4
0.38
0.36
VCC = 3.3 V
RT = 6.8 kΩ
TA = 25°C
Figure 10
OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
–50
0
100
150
TA – Free-Air Temperature – °C
50
2.5
1.5
3.5
3
2
VCC = 3.3 V
IO = 40 mA
IO = 20 mA
Figure 11
OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
–50
0
100
150
TA – Free-Air Temperature – °C
50
0.2
0
0.4
0.3
0.1
VCC = 3.3 V
IO = 20 mA
IO = 40 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com