Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR5-202WEBW-R Datasheet(PDF) 2 Page - PATLITE CORPORATION.

Part # LR5-202WEBW-R
Description  Signal Tower with Ethernet
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

LR5-202WEBW-R Datasheet(HTML) 2 Page - PATLITE CORPORATION.

  LR5-202WEBW-R Datasheet HTML 1Page - PATLITE CORPORATION. LR5-202WEBW-R Datasheet HTML 2Page - PATLITE CORPORATION. LR5-202WEBW-R Datasheet HTML 3Page - PATLITE CORPORATION. LR5-202WEBW-R Datasheet HTML 4Page - PATLITE CORPORATION. LR5-202WEBW-R Datasheet HTML 5Page - PATLITE CORPORATION. LR5-202WEBW-R Datasheet HTML 6Page - PATLITE CORPORATION. LR5-202WEBW-R Datasheet HTML 7Page - PATLITE CORPORATION. LR5-202WEBW-R Datasheet HTML 8Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Sound Pressure Level
Depending on DIP Switch Settings  Refer to the 7.Buzzer Pattern Set-up
Buzzer sound No.4 was measured from the total circumfrence of the Buzzer Unit at 1m
Typ.85dB
Sound Reduction Approx. -10dB
Depending on DIP Switch Settings
Refer to the 7.Buzzer Pattern Set-up
Environmental Condition
Setting
Buzzer Sound
/Typical Frequency
No.1
Rapid intermittent beep / 3,378Hz
No.2
Continuous beep sound / 3,378Hz
No.3
Rapid Hi-Lo / 2,016Hz&3,012Hz
No.4
Sweep sound / 1,000Hz-4,032Hz
L-bracket ×1pc
Accessories
SZW-002W
AC Adapter
ADP-001C
Supported Option
Wall-Mount Bracket
SZK-002W, SZK-001U
Circular Bracket
SZ-010
L-bracket
SZL-001
Circular Bracket
SZW-001W
Mounting Bracket
Supported Unit
LR5-E-□、LR5-E-□Z
Buzzer Unit
LR5-BW
WD transmitter
WDT-5LR-Z2
*Maximum number of 5 tiers for LED Units
LED Unit
Network Communication Format
Ethernet (IEEE802.3 Conformity)
10BASE-T/100BASE-TX (Auto-MDI/MDIX)
Operation Interface
Switch for Initialize ×1pc
WE Type
Hexagon nut with flange(M3) ×3pcs
LE Type
Refer to the Outer Dimension Drawing
Interfaces
Mass (Tolerance:±10%)
(LED Unit) + [Buzzer Unit]
WE Type
0.1kg + (0.04kg)×Tiers + [0.05kg]
Ethernet
RJ-45 Connector
Power Supply
Supported
Wire Diameter
LE Type
IP 54 (IEC 60529)
Upright
Environmental Condition
Screwless Terminal Block (24V DC)
Insulation Resistance
More than 5M
at 500 VDC between the live part and non-current carrying metallic part
500 VAC applied for 1 min between live part
Outer Dimensions
Mounting Direction
Upright
LE Type
0.39kg + (0.04kg)×Tiers + [0.05kg]
and non-current carrying metallic part without breaking insulation
Protection Rating
WE Type
IP 65 (IEC 60529)
Withstand Voltage
Storage Ambient Temperature
-30℃ ~ +60℃
Storage Ambient Humidity
90% RH or less, no freezing, no condensation
Mounting Location
Indoors
Typ.40 mA Max. 45 mA (per tier)
Buzzer Unit
Typ.40 mA Max. 45 mA
Operating Ambient Temperature
-20℃ ~ +50℃
Operating Ambient Humidity
90% RH or less, no freezing, no condensation
Drawing No.
Rev.
Page
B
Single wire:φ0.5~1.2mm Stranded wire:0.2-1.5mm
2 (AWG24-16)
1.
.
.
.General Specifications
Rated Voltage
24V DC
Operating Voltage Range
Rated Voltage ± 10%
Rated Current
Consumption
Main Unit
Typ.15 mA Max. 20 mA
LED Unit
2/8
LR5-02WE-W18



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com