Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0205 Datasheet(PDF) 1 Page - Bondhus Corporation.

Part # 0205
Description  HandyHex™ Adjustable Handle
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BONDHUS [Bondhus Corporation.]
Direct Link  https://bondhus.com/
Logo BONDHUS - Bondhus Corporation.

0205 Datasheet(HTML) 1 Page - Bondhus Corporation.

  0205 Datasheet HTML 1Page - Bondhus Corporation. 0205 Datasheet HTML 2Page - Bondhus Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Up to 20% stronger, with more torque and twice the wear
resistance of standard grades of steel.
High Torque Steel:
FINISH OPTIONS:
Environmentally safe, provides better tool grip, resists
solvents and is 5 times more corrosion resistant than
competitor finishes.
Corrosion-resistant finish:
www.bondhus.com
MADE IN USA
HandyHex™
Adjustable Handle
The handle will also accept the long or
short arm of a hex wrench and act as
a handle for the hex wrench
The handle allows the user to infinitely
adjust the distance the blade extends
from the handle because the hole in the
handle extends all the way through the
handle
A thumb screw located conveniently at
the front of the handle can be tightened
to hold the blade or hex wrench solidly
in position
Hollow Hex handle allows
adjustment of the distance
a hex blade extends from
the handle


Similar Part No. - 0205

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
0205-000129 TOSHIBA-0205-000129 Datasheet
5Mb / 70P
COLOUR TELEVISION
logo
M/A-COM Technology Solu...
02050-BRF-001-A MA-COM-02050-BRF-001-A Datasheet
110Kb / 2P
Limiting Amplifier for Applications up to 2.5 Gbps
02050-DSH-002-F MA-COM-02050-DSH-002-F Datasheet
740Kb / 28P
3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
logo
General Cable Technolog...
02050.70.10 GENERAL-02050.70.10 Datasheet
80Kb / 1P
3-Conductor Grounded . Type SPT-3 . 15 and 20 Amps . 60?C . 300 Volts
02050.70.10 GENERAL-02050.70.10 Datasheet
78Kb / 1P
Super Vu-Tron짰 III Types SJOOW/SOOW
More results

Similar Description - 0205

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
H-9111 BUD-H-9111 Datasheet
41Kb / 1P
HANDLE
H-9115 BUD-H-9115 Datasheet
38Kb / 1P
HANDLE
H-9160 BUD-H-9160 Datasheet
36Kb / 1P
HANDLE
H-9170 BUD-H-9170 Datasheet
40Kb / 1P
HANDLE
logo
List of Unclassifed Man...
H-9111-B ETC2-H-9111-B Datasheet
97Kb / 1P
HANDLE
H-9161-B ETC2-H-9161-B Datasheet
38Kb / 2P
HANDLE
H-9177-B ETC2-H-9177-B Datasheet
95Kb / 1P
HANDLE
3090-H ETC2-3090-H Datasheet
73Kb / 1P
HANDLE
3090-J ETC2-3090-J Datasheet
77Kb / 1P
HANDLE
logo
Tyco Electronics
408-10320 MACOM-408-10320 Datasheet
141Kb / 4P
The tool frame features a stationary jaw and handle,amoving jaw and handle, and an adjustable ratchet that ensures full crimping.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com