Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1064591 Datasheet(PDF) 2 Page - Mersen

Part # P1064591
Description  HelioProtection® HP15NH Photovoltaic fuse-links gPV 1500VDC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERSEN [Mersen]
Direct Link  https://www.mersen.com/en
Logo MERSEN - Mersen

P1064591 Datasheet(HTML) 2 Page - Mersen

  P1064591 Datasheet HTML 1Page - Mersen P1064591 Datasheet HTML 2Page - Mersen P1064591 Datasheet HTML 3Page - Mersen P1064591 Datasheet HTML 4Page - Mersen P1064591 Datasheet HTML 5Page - Mersen P1064591 Datasheet HTML 6Page - Mersen P1064591 Datasheet HTML 7Page - Mersen P1064591 Datasheet HTML 8Page - Mersen P1064591 Datasheet HTML 9Page - Mersen Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
HelioProtection® HP15NH
Photovoltaic fuse-links gPV 1500VDC
Special Purpose Fuses / DS-LFPVHP15NH-10-0922_EN
EP.MERSEN.COM
2
© 2021 Mersen. All rights reserved. Mersen reserves the right to change, adapt, limit or discontinue its products. Therefore
the data provided herein are for information only and are not contractually binding. To ensure that Mersen provides the best
solution to your needs, please contact and provide Mersen with all relevant technical specifications and conditions.
NH-fuse-links gPV 1500VDC plain blade
Catalog
number
Item
number
Size
Rated current In
Power dissipation
at In
Power dissipation
at 0.7xIn
Package Weight
HP15NH1XLGPV50
A1061266 1XL
50 A
21 W
8.6 W
1
0.7 kg
HP15NH1XLGPV63
Z1064508 1XL
63 A
25 W
10.2 W
1
0.7 kg
HP15NH1XLGPV80
A1064509 1XL
80 A
25.5 W
10.3 W
1
0.7 kg
HP15NH1XLGPV100 B1064510 1XL
100 A
26 W
10.5 W
1
0.7 kg
HP15NH1XLGPV125 C1064511 1XL
125 A
30 W
12.2 W
1
0.7 kg
HP15NH2XLGPV125 H1064309 2XL
125 A
33.7 W
13.6 W
1
1.05 kg
HP15NH2XLGPV160 J1064310 2XL
160 A
38 W
15.4 W
1
1.05 kg
HP15NH2XLGPV200 K1064311 2XL
200 A
48 W
19.4 W
1
1.05 kg
HP15NH2XLGPV250 L1064312 2XL
250 A
51.7 W
20.9 W
1
1.05 kg
HP15NH3LGPV160
H1037859 3L
160 A
36 W
15 W
1
1.69 kg
HP15NH3LGPV200
J1037860 3L
200 A
44 W
18 W
1
1.69 kg
HP15NH3LGPV250
K1037861 3L
250 A
50 W
20 W
1
1.69 kg
HP15NH3LGPV315
L1037862 3L
315 A
57 W
23 W
1
1.69 kg
HP15NH3LGPV350
M1037863 3L
350 A
63 W
25 W
1
1.69 kg
HP15NH3LGPV400
N1037864 3L
400 A
71 W
28 W
1
1.69 kg
HP15NH3LGPV450
R1200040 3L
450 A
68.7 W
27.8 W
1
1.98 kg
HP15NH3LGPV500
S1200041 3L
500 A
74.5 W
30.2 W
1
1.98 kg
HP15NH2XLGPV125
HP15NH3LGPV250
NH-fuse-links gPV 1500VDC direct mounting size 3L with striker
Catalog
number
Item
number
Rated current
In
Power dissipation
at In
Power dissipation
at 0.7xIn
Power dissipation
at 0.8 In
Package Weight
HP15NH3LPV160BI A1057218 160 A
36 W
15 W
20 W
1
1.66 kg
HP15NH3LPV200BI B1057219 200 A
44 W
18 W
25 W
1
1.66 kg
HP15NH3LPV250BI C1057220 250 A
50 W
20 W
28 W
1
1.66 kg
HP15NH3LPV315BI D1057221 315 A
57 W
23 W
32 W
1
1.66 kg
HP15NH3LPV350BI E1057222 350 A
63 W
25 W
35 W
1
1.66 kg
HP15NH3LPV400BI F1057223 400 A
71 W
28 W
40 W
1
1.66 kg
HP15NH3LPV450BI W1200044 450 A
68.7 W
27.8 W
38.5 W
1
1.97 kg
HP15NH3LPV500BI X1200045 500 A
74.5 W
30.2 W
41.7 W
1
1.97 kg
HP15NH3LPV400BI
NH-fuse-links gPV 1500VDC direct mounting
Catalog
number
Item
number
Size
Rated current In
Power dissipation
at In
Power dissipation
at 0.7xIn
Package Weight
HP15NH1LGPV50B
C1065431 1XL
50 A
21 W
8.6 W
1
0.69 kg
HP15NH1LGPV63B
D1065432 1XL
63 A
25 W
10.2 W
1
0.69 kg
HP15NH1LGPV80B
E1065433 1XL
80 A
25.5 W
10.3 W
1
0.69 kg
HP15NH1LGPV100B F1065434 1XL
100 A
26 W
10.5 W
1
0.69 kg
HP15NH1LGPV125B G1065435 1XL
125 A
30 W
12.2 W
1
0.69 kg
HP15NH2LGPV125B M1064313 2XL
125 A
33.7 W
13.6 W
1
1.02 kg
HP15NH2LGPV160B N1064314 2XL
160 A
38 W
15.4 W
1
1.02 kg
HP15NH2LGPV200B P1064315 2XL
200 A
48 W
19.4 W
1
1.02 kg
HP15NH2LGPV250B Q1064316 2XL
250 A
51.7 W
20.9 W
1
1.02 kg
HP15NH3LGPV160B T1048679 3L
160 A
36 W
15 W
1
1.66 kg
HP15NH3LGPV200B V1048680 3L
200 A
44 W
18 W
1
1.66 kg
HP15NH3LGPV250B W1048681 3L
250 A
50 W
20 W
1
1.66 kg
HP15NH3LGPV315B X1048682 3L
315 A
57 W
23 W
1
1.66 kg
HP15NH3LGPV350B Y1048683 3L
350 A
63 W
25 W
1
1.66 kg
HP15NH3LGPV400B Z1048684 3L
400 A
71 W
28 W
1
1.66 kg
HP15NH3LGPV450B T1200042 3L
450 A
68.7 W
27.8 W
1
1.96 kg
HP15NH3LGPV500B V1200043 3L
500 A
74.5 W
30.2 W
1
1.96 kg
HP15NH2LGPV250B
HP15NH3LGPV400B
PRODUCT RANGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com