Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CX-ASD1 Datasheet(PDF) 21 Page - Omron Electronics LLC

Part # H7CX-ASD1
Description  Multifunction Preset Counter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CX-ASD1 Datasheet(HTML) 21 Page - Omron Electronics LLC

Back Button H7CX-ASD1 Datasheet HTML 17Page - Omron Electronics LLC H7CX-ASD1 Datasheet HTML 18Page - Omron Electronics LLC H7CX-ASD1 Datasheet HTML 19Page - Omron Electronics LLC H7CX-ASD1 Datasheet HTML 20Page - Omron Electronics LLC H7CX-ASD1 Datasheet HTML 21Page - Omron Electronics LLC H7CX-ASD1 Datasheet HTML 22Page - Omron Electronics LLC H7CX-ASD1 Datasheet HTML 23Page - Omron Electronics LLC H7CX-ASD1 Datasheet HTML 24Page - Omron Electronics LLC H7CX-ASD1 Datasheet HTML 25Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
Multifunction Preset Counter
H7CX (Counter Function)
C-107
I Operating Procedures (Counter Function)
Settings for Basic Operations
Note: Set to one-shot output 2 time when using as a 2-stage counter
or batch counter.
Easy Confirmation of Switch Settings Using Indicators
The ON/OFF status of the DIP switch pins can be
confirmed using the front display. For details, refer to page 124.
Note: 1. Be sure to set pin 1 of the DIP switch to ON. If it is set to OFF, the DIP switch settings will not be enabled.
2. Changes to DIP switch settings are enabled when the power is turned ON.
3. When setting input modes, output modes, or output times that cannot be set with the DIP switch, all of the settings have to be made using
the operation keys. For details on the setting methods, refer to page 108. When making settings using the operation keys, be sure to set
pin 1 of the DIP switch to OFF.
1234567
8
OFF
ON
Settings for basic functions can be performed with just the DIP switch.
Be sure to set pin 1 to ON.
Note: All of the pins are factory-set to OFF.
Item
OFF
ON
1
DIP switch settings en-
able/disable
Disabled
Enabled
2
Counting speed
30 Hz
5 kHz
3
Input mode
UP (increment) DOWN (decre-
ment)
4
Output mode
Refer to the table on the right.
5
6
One-shot output time
(See note.)
0.5 s
0.05 s
7
Reset input signal width
20 ms
1 ms
8
NPN/PNP input mode
NPN
PNP
Pin 4
Pin 5
Output mode
OFF
OFF
N
ON
OFF
F
OFF
ON
C
ON
ON
K-1
Switching to Total and Preset Counter, Batch Counter, and Dual Counter Operation (See note.)
Configuration selection mode
Run mode
Power ON
(Tachometer)
Note: The configurations that can be selected vary with the model.
+
Advanced-Function Settings
The H7CX is factory-set to the 1-stage
counter (2-stage counter for H7CX-AW
@/-
A4W
@ models) configuration. To change to
a different configuration, use the procedure
shown on the right. For details, refer to
page 39.
Note: This includes changing to the 2-
stage counter (or 1-stage counter)
configuration.
Hold down for
1 s min. (See note.)
(1-stage
counter)
(2-stage
counter)
(Total and
preset counter)
(Batch
counter)
(Dual
counter)
After making DIP switch settings for basic operations, advanced functions (see note) can be added using the operation keys.
For details, refer to page 22.
Note: Advanced functions consist of the dual count calculating mode, output 1 time (for 2-stage counter), decimal point position,prescale value, display
color, output allocation, and key protect level.
MODE
1
Note: The
key must be pressed before the
key.
MODE
1
Select the configuration using the
and
keys (
key with 6-digit models).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com