Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16EDU06HM3 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 16EDU06HM3
Description  Ultrafast Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

16EDU06HM3 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  16EDU06HM3 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 16EDU06HM3 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ultrafast Diode
16EDU06HM3
www.iscsemi.com
1
FEATURES
· Low Forward Voltage Drop
· Low Leakage Current
· Ultrafast Recovery Time
APPLICATIONS
· PFC
· AC/DC Section of SMPS
· Choppers Motor Drives
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
600
V
IF(AV)
Average Rectified Forward Current
16
A
IFSM
Non-repetitive Peak Surge Current
(6ms square pulse)
160
A
TJ
Max. Junction Temperature
175
℃
Tstg
Storage Temperature Range
-55~175
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.7
℃
/W
2
2
3
1


Similar Part No. - 16EDU06HM3

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
16EDU06-M3 ISC-16EDU06-M3 Datasheet
326Kb / 2P
Ultrafast Diode
More results

Similar Description - 16EDU06HM3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH3R02 STMICROELECTRONICS-STTH3R02 Datasheet
116Kb / 9P
Ultrafast recovery diode
10-Oct-2006
logo
Won-Top Electronics
1H1 WTE-1H1_06 Datasheet
50Kb / 4P
1.0A ULTRAFAST DIODE
HER101 WTE-HER101_06 Datasheet
51Kb / 4P
1.0A ULTRAFAST DIODE
HER201 WTE-HER201_06 Datasheet
58Kb / 4P
2.0A ULTRAFAST DIODE
logo
NXP Semiconductors
BYT79-600 NXP-BYT79-600 Datasheet
68Kb / 9P
Rectifier diode ultrafast
Rev. 01 - 16 October 2007
logo
STMicroelectronics
STTH8R04 STMICROELECTRONICS-STTH8R04 Datasheet
157Kb / 11P
Ultrafast recovery diode
11-Mar-2007
logo
Gaomi Xinghe Electronic...
UF5404 GXELECTRONICS-UF5404 Datasheet
325Kb / 2P
3.0A ULTRAFAST DIODE
logo
Sanken electric
FMXA-1106S SANKEN-FMXA-1106S Datasheet
405Kb / 8P
Ultrafast Recovery Diode
FMXA-2102ST SANKEN-FMXA-2102ST Datasheet
266Kb / 8P
Ultrafast Recovery Diode
MPL-1036S SANKEN-MPL-1036S Datasheet
247Kb / 5P
Ultrafast Recovery Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com