Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT11245DBR Datasheet(PDF) 1 Page - Texas Instruments

Part # 74ACT11245DBR
Description  OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

74ACT11245DBR Datasheet(HTML) 1 Page - Texas Instruments

  74ACT11245DBR Datasheet HTML 1Page - Texas Instruments 74ACT11245DBR Datasheet HTML 2Page - Texas Instruments 74ACT11245DBR Datasheet HTML 3Page - Texas Instruments 74ACT11245DBR Datasheet HTML 4Page - Texas Instruments 74ACT11245DBR Datasheet HTML 5Page - Texas Instruments 74ACT11245DBR Datasheet HTML 6Page - Texas Instruments 74ACT11245DBR Datasheet HTML 7Page - Texas Instruments 74ACT11245DBR Datasheet HTML 8Page - Texas Instruments 74ACT11245DBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
74ACT11245
OCTAL BUS TRANSCEIVER
WITH 3-STATE OUTPUTS
SCAS031C – JULY 1987 – REVISED APRIL 1996
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D 3-State Outputs Drive Bus Lines Directly
D Inputs Are TTL-Voltage Compatible
D Flow-Through Architecture Optimizes
PCB Layout
D Center-Pin VCC and GND Configurations
Minimize High-Speed Switching Noise
D EPICt (Enhanced-Performance Implanted
CMOS) 1-
mm Process
D 500-mA Typical Latch-Up Immunity at
125
°C
D Package Options Include Plastic
Small-Outline (DW), Shrink Small-Outline
(DB), and Thin Shrink Small-Outline (PW)
Packages, and Standard Plastic 300-mil
DIPs (NT)
description
The octal bus transceiver is designed for asynchronous two-way communication between data buses. The
control-function implementation minimizes external timing requirements.
The device allows data transmission from the A bus to the B bus or from the B bus to the A bus, depending on
the logic level at the direction-control (DIR) input. The output-enable (OE) input can be used to disable the
device so that the buses are effectively isolated.
The 74ACT11245 is characterized for operation from –40
°C to 85°C.
FUNCTION TABLE
OUTPUT
ENABLE
OE
DIRECTION
CONTROL
DIR
OUTPUT
L
L
B data to A bus
L
H
A data to B bus
H
X
Isolation
Copyright
© 1996, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
EPIC is a trademark of Texas Instruments Incorporated.
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
A1
A2
A3
A4
GND
GND
GND
GND
A5
A6
A7
A8
DIR
B1
B2
B3
B4
VCC
VCC
B5
B6
B7
B8
OE
DB, DW, NT, OR PW PACKAGE
(TOP VIEW)


Similar Part No. - 74ACT11245DBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT11245DBR TI-74ACT11245DBR Datasheet
1Mb / 25P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
74ACT11245DBRE4 TI-74ACT11245DBRE4 Datasheet
1Mb / 25P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
74ACT11245DBRG4 TI-74ACT11245DBRG4 Datasheet
1Mb / 25P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - 74ACT11245DBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11245 TI-74AC11245 Datasheet
109Kb / 6P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
REVISED APRIL 1996
SN74LVC245A TI-SN74LVC245A Datasheet
601Kb / 19P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVCH245 TI-SN74AVCH245 Datasheet
168Kb / 12P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LV245AT TI-SN74LV245AT Datasheet
472Kb / 19P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCR2245A TI-SN74LVCR2245A_07 Datasheet
635Kb / 21P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVC245 TI-SN74AVC245 Datasheet
158Kb / 11P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH245 TI-SN74ALVCH245_07 Datasheet
408Kb / 14P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC245 UTC-U74LVC245 Datasheet
201Kb / 6P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74ABT245B-EP TI1-SN74ABT245B-EP Datasheet
307Kb / 10P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN64BCT245 TI1-SN64BCT245_16 Datasheet
413Kb / 10P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com