Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12DL040 Datasheet(PDF) 24 Page - Texas Instruments

Part # ADC12DL040
Description  ADC12DL080 Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12DL040 Datasheet(HTML) 24 Page - Texas Instruments

Back Button ADC12DL040 Datasheet HTML 20Page - Texas Instruments ADC12DL040 Datasheet HTML 21Page - Texas Instruments ADC12DL040 Datasheet HTML 22Page - Texas Instruments ADC12DL040 Datasheet HTML 23Page - Texas Instruments ADC12DL040 Datasheet HTML 24Page - Texas Instruments ADC12DL040 Datasheet HTML 25Page - Texas Instruments ADC12DL040 Datasheet HTML 26Page - Texas Instruments ADC12DL040 Datasheet HTML 27Page - Texas Instruments ADC12DL040 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
ADC12DL080
SNAS345A – FEBRUARY 2006 – REVISED APRIL 2013
www.ti.com
OF/DOEN, OEA/OF, and OEB/DRDY
OF/DOEN (pin 21) selects the output format (OF) or enables the DRDY output (DOEN). The state of this pin also
controls the function of pins 22 (OEA/OF) and 41 (OEB/DRDY).
When OF/DOEN is tied to VRMA or VRMB, DRDY is enabled. Pin 41 is used as the DRDY output strobe, and pin
22 is used to select the output format. Output Enable for channels A and B are not available in this mode.
When OF/DOEN is LOW, the output data format is offset binary. With OF/DOEN tied HIGH, the output format is
2's complement.
The following table describes the function of these pins.
Table 4. OF/DOEN, OEA/OF, OEB/DRDY Pin Functions
Pin 21 State
Pin 21 Function
Pin 22 Function
Pin 41 Function
VRMA or VRMB
DRDY output is enabled
Output Format
DRDY Output
LOW = Offset Binary
HIGH = 2's Complement
Logic LOW
Output Format = Offset Binary
Output Enable for Channel A
Output Enable for Channel B
LOW = outputs are enabled
LOW = outputs are enabled
Logic HIGH
Output Format = 2's Complement
HIGH = outputs are in high
HIGH = outputs are in high
impedance state
impedance state
PD
The PD pin, when high, holds the ADC12DL080 in a power-down mode to conserve power when the converter is
not being used. The output data pins are undefined and the data in the pipeline is corrupted while in the power
down mode.
The Power Down Mode Exit Cycle time is determined by the value of the components on pins 4, 5, 6, 12, 13 and
14. These capacitors loose their charge in the Power Down mode and must be recharged by on-chip circuitry
before conversions can be accurate. Smaller capacitor values allow slightly faster recovery from the power down
mode, but can result in a reduction in SNR, SINAD and ENOB performance.
OUTPUTS
The ADC12DL080 has 12 TTL/CMOS compatible Data Output pins for each output. Valid data is present at
these outputs while the OE and PD pins are low. Be very careful when driving a high capacitance bus. The more
capacitance the output drivers must charge for each conversion, the more instantaneous digital current flows
through VDR and DR GND. These large charging current spikes can cause on-chip ground noise and couple into
the analog circuitry, degrading dynamic performance. Adequate bypassing, limiting output capacitance and
careful attention to the ground plane will reduce this problem. Additionally, bus capacitance beyond the specified
10 pF/pin will cause tOD to increase, making it difficult to properly latch the ADC output data. The result could be
an apparent reduction in dynamic performance.
To minimize noise due to output switching, minimize the load currents at the digital outputs. This can be done by
connecting buffers (74LVTH162374, for example) between the ADC outputs and any other circuitry. Only one
driven input should be connected to each output pin. Additionally, inserting series resistors of about 100
Ω at the
digital outputs, close to the ADC pins, will isolate the outputs from trace and other circuit capacitances and limit
the output currents, which could otherwise result in performance degradation. See Figure 43.
24
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: ADC12DL080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com