Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1243IPWR Datasheet(PDF) 13 Page - Texas Instruments

Part # ADS1243IPWR
Description  24-Bit ANALOG-TO-DIGITAL CONVERTER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1243IPWR Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS1243IPWR Datasheet HTML 9Page - Texas Instruments ADS1243IPWR Datasheet HTML 10Page - Texas Instruments ADS1243IPWR Datasheet HTML 11Page - Texas Instruments ADS1243IPWR Datasheet HTML 12Page - Texas Instruments ADS1243IPWR Datasheet HTML 13Page - Texas Instruments ADS1243IPWR Datasheet HTML 14Page - Texas Instruments ADS1243IPWR Datasheet HTML 15Page - Texas Instruments ADS1243IPWR Datasheet HTML 16Page - Texas Instruments ADS1243IPWR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
ADS1242, 1243
13
SBAS235H
www.ti.com
FIGURE 6. Filter Frequency Responses.
DATA
–3dB
OUTPUT RATE
BANDWIDTH
fIN = 50 ± 0.3Hz
fIN = 60 ± 0.3Hz
fIN = 50 ± 1Hz
fIN = 60 ± 1Hz
15Hz
14.6Hz
–80.8dB
–87.3dB
–68.5dB
–76.1dB
7.5Hz
3.44Hz
–85.9dB
–87.4dB
–71.5dB
–76.2dB
3.75Hz
1.65Hz
–93.8dB
–88.6dB
–86.8dB
–77.3dB
FREQUENCY RESPONSE FROM 45Hz to 65Hz
WHEN f
DATA = 15Hz
Frequency (Hz)
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
FREQUENCY RESPONSE FROM 45Hz to 65Hz
WHEN f
DATA = 7.5Hz
Frequency (Hz)
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
FREQUENCY RESPONSE FROM 45Hz to 65Hz
WHEN f
DATA = 3.75Hz
Frequency (Hz)
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
ADS1242 AND ADS1243
FILTER RESPONSE WHEN f
DATA = 15Hz
Frequency (Hz)
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
020
80
40
60
100
120
140
160
180
200
45
50
55
60
65
45
50
55
60
65
45
50
55
60
65
ADS1242 AND ADS1243
FILTER RESPONSE WHEN f
DATA = 7.5Hz
Frequency (Hz)
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
020
80
40
60
100
120
140
160
180
200
ADS1242 AND ADS1243
FILTER RESPONSE WHEN f
DATA = 3.75Hz
Frequency (Hz)
f
OSC = 2.4576MHz, SPEED = 0 or fOSC = 4.9152MHz, SPEED = 1
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
020
80
40
60
100
120
140
160
180
200
ATTENUATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com