Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5270IPFP Datasheet(PDF) 1 Page - Texas Instruments

Part # ADS5270IPFP
Description  8-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter with Serial LVDS Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5270IPFP Datasheet(HTML) 1 Page - Texas Instruments

  ADS5270IPFP Datasheet HTML 1Page - Texas Instruments ADS5270IPFP Datasheet HTML 2Page - Texas Instruments ADS5270IPFP Datasheet HTML 3Page - Texas Instruments ADS5270IPFP Datasheet HTML 4Page - Texas Instruments ADS5270IPFP Datasheet HTML 5Page - Texas Instruments ADS5270IPFP Datasheet HTML 6Page - Texas Instruments ADS5270IPFP Datasheet HTML 7Page - Texas Instruments ADS5270IPFP Datasheet HTML 8Page - Texas Instruments ADS5270IPFP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
1 2 − B it
A D C
P L L
S/H
S eria lize r
1 x A D C LK
6 x A D C LK
IN 1
P
A D C L K
IN 1
N
O U T 1
P
O U T 1
N
1 2 − B it
A D C
S/H
S eria lize r
IN 2
P
IN 2 N
O U T 2
P
O U T 2
N
1 2 − B it
A D C
S/H
S eria lize r
IN 3
P
IN 3
N
O U T 3
P
O U T 3
N
L CL K
P
L CL K
N
A D C LK
P
A D C LK
N
1 2 x A D CL K
1 2 − B it
A D C
S/H
S eria lize r
IN 4 P
IN 4
N
O U T 4P
O U T 4
N
1 2 − B it
A D C
S/H
S eria lize r
IN 5
P
IN 5
N
O U T 5
P
O U T 5
N
1 2 − B it
A D C
S/H
S eria lize r
IN 6
P
IN 6 N
O U T 6
P
O U T 6
N
1 2 − B it
A D C
S/H
S eria lize r
IN 7
P
IN 7
N
O U T 7
P
O U T 7
N
1 2 − B it
A D C
S/H
S eria lize r
Re feren ce
IN 8
P
IN 8
N
IN T /E X T
O U T 8
P
O U T 8
N
R e g isters
C on trol
ADS5270
www.ti.com............................................................................................................................................... SBAS293F – JANUARY 2004 – REVISED JANUARY 2009
8-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter
with Serial LVDS Interface
An integrated phase lock loop (PLL) multiplies the
incoming ADC sampling clock by a factor of 12. This
23
• Maximum Sample Rate: 40MSPS
high-frequency LVDS clock is used in the data
• 12-Bit Resolution
serialization and transmission process. The word
output of each internal ADC is serialized and
• No Missing Codes
transmitted either MSB or LSB first. In addition to the
• Total Power Dissipation:
eight data outputs, a bit clock and a word clock are
Internal Reference: 888mW
also transmitted. The bit clock is at 6x the speed of
External Reference: 822mW
the sampling clock, whereas the word clock is at the
• CMOS Technology
same speed of the sampling clock.
• Simultaneous Sample-and-Hold
The ADS5270 provides internal references, or can
• 70.5dB SNR at 10MHz IF
optionally be driven with external references. Best
performance can be achieved through the internal
• 3.3V Digital/Analog Supply
reference mode.
• Serialized LVDS Outputs
The device is available in a TQFP-80 PowerPAD
• Integrated Frame and Bit Patterns
package and is specified over a –40°C to +85°C
• Option to Double LVDS Clock Output Currents
operating range.
• Four Current Modes for LVDS
• Pin- and Format-Compatible Family
• TQFP-80 PowerPAD™ Package
• Portable Ultrasound Systems
• Tape Drives
• Test Equipment
• Optical Networking
The ADS5270 is a high-performance, 40MSPS,
8-channel analog-to-digital converter (ADC). Internal
references are provided, simplifying system design
requirements. Low power consumption allows for the
highest of system integration densities. Serial LVDS
(low-voltage differential signaling) outputs reduce the
number of interface lines and package size.
RELATED PRODUCTS
RESOLUTION
SAMPLE RATE
MODEL
(BITS)
(MSPS)
CHANNELS
ADS5271
12
50
8
ADS5272
12
65
8
ADS5273
12
70
8
ADS5277
10
65
8
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS5270IPFP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS5270IPFP BURR-BROWN-ADS5270IPFP Datasheet
439Kb / 18P
8-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
logo
Texas Instruments
ADS5270IPFP TI1-ADS5270IPFP Datasheet
1Mb / 31P
8-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter
ADS5270IPFPG4 TI1-ADS5270IPFPG4 Datasheet
1Mb / 31P
8-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADS5270IPFPT BURR-BROWN-ADS5270IPFPT Datasheet
439Kb / 18P
8-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
logo
Texas Instruments
ADS5270IPFPT TI1-ADS5270IPFPT Datasheet
1Mb / 31P
8-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter
More results

Similar Description - ADS5270IPFP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5275 TI-ADS5275 Datasheet
303Kb / 20P
8-Channel, 10-Bit, 40MSPS ADC with Serial LVDS Interface
logo
Burr-Brown (TI)
ADS5270 BURR-BROWN-ADS5270 Datasheet
439Kb / 18P
8-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
DAC2932 BURR-BROWN-DAC2932 Datasheet
343Kb / 24P
DUAL 12-BIT 40MSPS DIGITAL TO ANALOG CONVERTER
ADS5240 BURR-BROWN-ADS5240 Datasheet
418Kb / 24P
4-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
logo
Texas Instruments
ADS5277 TI-ADS5277 Datasheet
1Mb / 28P
8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
ADS5242 TI-ADS5242 Datasheet
1,010Kb / 29P
4-Channel, 12-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
DAC2932 TI1-DAC2932 Datasheet
829Kb / 29P
Dual, 12-Bit, 40MSPS Digital-to-analog Converter
ADS5277 TI-ADS5277_12 Datasheet
1Mb / 32P
8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
ADS5271 TI1-ADS5271_14 Datasheet
1Mb / 32P
8-Channel, 12-Bit, 50MSPS Analog-to-Digital Converter with Serial LVDS Interface
ADS5270 TI1-ADS5270_13 Datasheet
1Mb / 31P
8-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com