Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8406IPFBT Datasheet(PDF) 29 Page - Texas Instruments

Part # ADS8406IPFBT
Description  16-BIT, 1.25 MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8406IPFBT Datasheet(HTML) 29 Page - Texas Instruments

Back Button ADS8406IPFBT Datasheet HTML 22Page - Texas Instruments ADS8406IPFBT Datasheet HTML 23Page - Texas Instruments ADS8406IPFBT Datasheet HTML 24Page - Texas Instruments ADS8406IPFBT Datasheet HTML 25Page - Texas Instruments ADS8406IPFBT Datasheet HTML 26Page - Texas Instruments ADS8406IPFBT Datasheet HTML 27Page - Texas Instruments ADS8406IPFBT Datasheet HTML 28Page - Texas Instruments ADS8406IPFBT Datasheet HTML 29Page - Texas Instruments ADS8406IPFBT Datasheet HTML 30Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
44X (0.5)
48X (1.35)
48X (0.25)
(R0.05) TYP
(8.5)
(8.5)
TQFP - 1.2 mm max height
PFB0048A
PLASTIC QUAD FLATPACK
4215157/A 03/2024
NOTES: (continued)
6. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
7. Board assembly site may have different recommendations for stencil design.
SOLDER PASTE EXAMPLE
SCALE:8X
SYMM
SYMM
48
37
13
24
25
36
1
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com