Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP2503 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SP2503
Description  Thermoelectric Cooler
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SP2503 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SP2503 Datasheet HTML 1Page - List of Unclassifed Manufacturers SP2503 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
marlow
industries
Subsidiary of II-VI Incorporated
a global leader in thermoelectric solutions
214-340-4900 (tel) ● 214-341-5212 (fax) ● www.marlow.com
Doc # 102-0313
Rev 2
Page 2 of 2
Performance Curves
Environment: One atmosphere dry nitrogen
Hot Side Temperature: 27°C
Hot Side Temperature: 50°C
20.0
17.5
15.0
12.5
10.0
7.50
5.00
2.50
0.00
(WATTS)
LOAD
HEAT
80.0
60.0
40.0
20.0
0.0
CURRENT (AMPS)
12.0
10.0
8.0
6.0
4.0
2.0
0.0
4.0
3.0
2.0
1.0
0.0
20.0
17.5
15.0
12.5
10.0
7.50
5.00
2.50
0.00
(WATTS)
LOAD
HEAT
Q=0
80.0
60.0
40.0
20.0
0.0
CURRENT (AMPS)
12.0
10.0
8.0
6.0
4.0
2.0
0.0
3.0
2.0
1.0
0.0
T=0
T=0
Q=0
For performance information in a vacuum or with hot side temperatures other than 27°C or 50°C, consult one of our Applications
Engineers.
Installation
Recommended mounting methods: Bonding with thermal epoxy, mounting in compression with either
thermal grease or flexible graphite products. For additional information, please refer to our TEC Installation
Guide.
Operation Cautions
For maximum reliability, storage and operation below 85°C in a non-condensing environment is
recommended. To minimize thermal stress, use linear/proportional temperature control or a similar method
rather than an ON/OFF method.
Addresses
Marlow Industries, Inc.
10451 Vista Park Road
Dallas Texas 75238-1645
214-340-4900 (tel)
214-341-5212 (fax)
www.marlow.com
Marlow Industries Europe
Aberdeen House, South Road
Haywards Heath
West Sussex RH164NG UK
+44 (0)1444-443404 (tel)
+44 (0)1444-443334(fax)
Marlow Industries Japan
1-1-8-401
Uehara, Shibuya-ku
Tokyo, Japan 151-0064
+81 (3) 5454-5280 (tel)
+81 (3) 5454-5281(fax)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com