Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

414 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 414
Description  Electroluminescent (EL) Panel - 20cm x 15cm Aqua
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

414 Datasheet(HTML) 2 Page - Adafruit Industries

  414 Datasheet HTML 1Page - Adafruit Industries 414 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-
DESCRIPTION
This is a big sheet of flexible plastic coated with EL material so its like one big
glowing square. It emits an even aqua glow over the entire shape, and you can even
cut it into any shape you want using scissors as long as the connector is still
attached (you'll probably need a few inches of the edge as well). Another option if
you want to have a custom design, we suggest cutting something opaque to 'mask
it' or printing onto a transparency and placing that on top. We do not suggest laser
cutting it (the coating may be toxic), although a vinyl-cutter might work OK.
Measures 20 cm x 15 cm (7.9" x 5.9"), about 0.5mm thick. Its covered in what
seems to be PVC, the panel is thus spill proof - but note that the connector is NOT
waterproof, just a bit of heatshrink. This isn't something we would suggest leaving
outdoors for extended periods.
Comes with a matching high power 12V inverter and a female DC jack so you can
plug it directly into a 12V supply. The inverter is a 'potted waterproof type' and is
thus very quiet (no resonating cavity!). This panel is not going to run on our pocket
inverter, you really need to have 12V! The full panel draws about 210 mA from a
12V supply. For portable use, we suggest a 8xAA battery holder
Please note! EL tape, EL wire and EL panel are made with different processes and so
the color and brightness will not be consistant between the two: aqua tape, aqua
wire and aqua panels will not necessarily match!
Page 2 of 2
7/23/2015
http://www.adafruit.com/products/414



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com