Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

415 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 415
Description  Aqua Electroluminescent (EL) Tape Strip - 100cm w/two connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

415 Datasheet(HTML) 2 Page - Adafruit Industries

  415 Datasheet HTML 1Page - Adafruit Industries 415 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
 
Note that the maximum amount for the 2xAA pocket inverter we carry is 60cm so don't try to run the 
full strip off of one inverter ‐ it will look dim and isnt nice to the inverter ‐ cut it in half first! Plug it in 
and it will light up nicely! A 50cm strip draws about 200mA from the 2xAA batteries in the pocket 
inverter (so 2000mAh batteries will last ~10 hours if on 'constant' mode). You can also use our 4xAAA 
inverter which is strong enough to power a full meter at once ‐ plug in only one end of the tape to the 
inverter or cut it in half and plug both halves in. 
 
Please note! EL tape, EL wire and EL panel are made with different processes and so the color and 
brightness will not be consistant between the two: aqua tape, aqua wire and aqua panels will not 
necessarily match! 
Technical Details
o
Size: 100 cm x 1.5 cm about 1mm thick. The glowing part is 1cm wide. 
o
Panel lifetime: >25000 hours 
o
Operating voltage: 60‐250VAC 
o
Operating Frequency: 50‐5000HZ 
o
Current Draw: 0.14mA/cm2 (max) @ 110V / 400Hz 
o
Initial Brightness: 85 cd/m2 
o
Operating Temperature: ‐50 C / 65 C 
o
~10 nF per meter 
It is very difficult to reattach connectors to EL tape once its been cut, but here is a tutorial that shows 
how it can be done  http://www.instructables.com/id/How‐to‐Attach‐or‐Reattach‐EL‐Tape‐
Electrolumine/ 
 
 
 
 
 
 
 
 
                                               https://www.adafruit.com/product/415 8‐8‐17 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com