Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

416 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 416
Description  White Electroluminescent (EL) Tape Strip -100cm w/two connectors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

416 Datasheet(HTML) 2 Page - Adafruit Industries

  416 Datasheet HTML 1Page - Adafruit Industries 416 Datasheet HTML 2Page - Adafruit Industries 416 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
-
DESCRIPTION
EL tape is the big sister to EL wire - it has the same glow effect but with a flat, wide
shape instead of a round shape. The glowing part of the tape is 1 cm wide (the
plastic coating is about 1.5cm wide). The other side has an adhesive on it so you
can stick the tape onto something. Its covered in what seems to be PVC, the tape is
thus weather-proof - but note that the connectors are NOT waterproof, just a bit of
heatshrink. This isn't something we would suggest leaving outdoors for extended
periods.
Because EL tape has more surface area than wire, it requires a more powerful
inverter for the same length. This tape is about 4 times more capacitive (per length)
than our high-brightness EL wire and 8 times more capacitive than 'standard' EL
wire. For that reason, we are shipping the EL tape in 100cm lengths with two EL
connectors soldered on, one on each end. You can cut it into two pieces of any
length and use both halves!
Note that the maximum amount for the 2xAA pocket inverter we carry is 60cm so
don't try to run the full strip off of one inverter - it will look dim and isnt nice to
the inverter - cut it in half first! Plug it in and it will light up nicely! A 50cm strip
draws about 200mA from the 2xAA batteries in the pocket inverter (so 2000mAh
batteries will last ~10 hours if on 'constant' mode). You can also use our 4xAAA
inverter which is strong enough to power a full meter at once - plug in only one
end of the tape to the inverter or cut it in half and plug both halves in.
Please note! EL tape, EL wire and EL panel are made with different processes and so
the color and brightness will not be consistant between the two: white tape, white
wire and white panels will not necessarily match!
7/23/2015
http://www.adafruit.com/products/416



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com