Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

447 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 447
Description  Blue Electroluminescent (EL) Tape Strip - 100cm w/two connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

447 Datasheet(HTML) 2 Page - Adafruit Industries

  447 Datasheet HTML 1Page - Adafruit Industries 447 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Because EL tape has more surface area than wire, it requires a more powerful inverter for the same 
length. This tape is about 4 times more capacitive (per length) than our high‐brightnessEL wire and 8 
times more capacitive than 'standard' EL wire. For that reason, we are shipping the EL tape in 100cm 
lengths with two EL connectors soldered on, one on each end. You can cut it into two pieces of any 
length and use both halves! 
 
Note that the maximum amount for the 2xAA pocket inverter we carry is 60cm so don't try to run the 
full strip off of one inverter ‐ it will look dim and isnt nice to the inverter ‐ cut it in half first! Plug it in 
and it will light up nicely! A 50cm strip draws about 200mA from the 2xAA batteries in the pocket 
inverter (so 2000mAh batteries will last ~10 hours if on 'constant' mode). You can also use our 4xAAA 
inverter which is strong enough to power a full meter at once ‐ plug in only one end of the tape to the 
inverter or cut it in half and plug both halves in. 
 
Please note! EL tape, EL wire and EL panel are made with different processes and so the color and 
brightness will not be consistent between the two: blue tape, blue wire and blue panels will not 
necessarily match! 
Technical Details
o
Size: 100 cm x 1.5 cm about 1mm thick 
o
Panel lifetime: >25000 hours 
o
Operating voltage: 60‐250VAC 
o
Operating Frequency: 50‐5000HZ 
o
Current Draw: 0.14mA/cm2 (max) @ 110V / 400Hz 
o
Initial Brightness: 40 cd/m2 
o
Operating Temperature: ‐50 C / 65 C 
o
~10 nF per meter 
It is very difficult to reattach connectors to EL tape once its been cut, but here is a tutorial that shows 
how it can be done  http://www.instructables.com/id/How‐to‐Attach‐or‐Reattach‐EL‐Tape‐
Electrolumine/ 
 
 
 
 
 
                                               https://www.adafruit.com/product/447 8‐8‐17 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com