Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

448 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 448
Description  12V EL wire/tape inverter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

448 Datasheet(HTML) 2 Page - Adafruit Industries

  448 Datasheet HTML 1Page - Adafruit Industries 448 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-
DESCRIPTION
This is an inverter for EL wire and tape, similar to our pocket inverters, except it is
a brick that takes 12V input instead of 2 AA batteries. This means its good for
'fixed' installations since you can just plug it into a 12V wall adapter. It's also good
for portable projects where you want to have a big battery pack like a 8xAA holder
which will last 4-5 times longer than just 2xAA's. It is also more powerful, and can
drive twice as much EL as the 2xAA inverter! Another nice thing about this inverter
is it's a potted brick, so its quieter than the 'open' inverters with a switch.
It's got twice the power of the 2xAA pocket inverter, you can drive up to 6 meters
combined of our high brightness EL wire (20 feet), or 12 meters (40 feet) of plain
EL, or up to 100 square centimeters combined of panel/tape - so either a 10x10cm
square or 1 meter of 1 cm wide tape.
Page 2 of 2
7/24/2015
http://www.adafruit.com/products/448



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com