Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

545 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 545
Description  EL wire starter pack - Aqua 2.5 meter (8.2 ft)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

545 Datasheet(HTML) 2 Page - Adafruit Industries

  545 Datasheet HTML 1Page - Adafruit Industries 545 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-
DESCRIPTION
A little bundle to get you started! This project pack contains:
• 2.5 meters (over 8 ft) of high-brightness, long-life EL wire in Aqua, the
brightest and best looking EL color we carry. 2.5 meters is the maximum amount
for the pocket driver - it is cut and soldered so it's ready to go!
•Pocket EL inverter runs on 2 AA Alkaline or rechargeable batteries (not
included)
• 2 inches of heat shink, both 1/8" and 1/4" for protecting the EL wire after
soldering if you end up wanting to change the wire up
• 2 inches of copper tape, used when soldering EL wire
• 2 inches of foam tape, we use this to pad the inside of the inverter to quiet it
down
We used this to make our awesome TRON bag
Soldering to EL wire is a little tricky but luckily we wrote a detailed step-by-step
tutorial! You'll need wire strippers, a soldering iron & solder, copper tape and heat
shrink. A third-hand tool is really useful as well.
Please note! EL tape, EL wire and EL panel are made with different processes - the
color and brightness will not be consistent between the different types of EL
products. The EL tape will not match the EL wire or EL panel exactly, they all will be
slightly different colors.
Page 2 of 2
7/24/2015
http://www.adafruit.com/products/545



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com