Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

564 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 564
Description  EL wire 4xAAA pocket inverter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

564 Datasheet(HTML) 2 Page - Adafruit Industries

  564 Datasheet HTML 1Page - Adafruit Industries 564 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
 
There is a switch for selecting steady/blink/off modes. Comes with four 2.5mm pitch female JST 
connectors, standard for all the EL wire and tape we carry. The JST cables snap into the inverter, so if 
you don't need all 4 cables, you can use as few as you want. The inverter does not 'sequence' the 4 
cables, so if you use 'blink mode' all the strands will blink at the same time. 
 
There is a 1.7mm DC jack on the side so you can put in 5‐6VDC to power this off of a different battery 
or power source, This cable has a matching DC plug on the end) 
 
You can plug any of our EL wire/tape into this inverter directly. To connect a 'raw' piece EL wire to this, 
you'll want a male connector wire 
 
The EL inverter requires a 'load' to stabilize itself. Do not run the inverter without at least 2 ft of EL 
wire attached! Otherwise the inverter can spike and damage itself 
 
Like all inverters we've used, the 2000 Hz oscillation is slightly audible. To reduce the squeaking, we 
suggest opening up the case padding it with thick foam tape/weatherstripping. Squirting some hot glue 
around the capacitors may also help. We managed to get it silent this way. 
 
Check out our EL TRON bag tutorial for ideas!   
https://cdn‐learn.adafruit.com/downloads/pdf/tron‐bag.pdf 
 
Soldering to raw EL wire is a little tricky but luckily we wrote a detailed step‐by‐step tutorial! The 
tutorial also covers a lot of information about EL and how it works. 
https://cdn‐learn.adafruit.com/downloads/pdf/el‐wire.pdf 
Technical Details
Dimensions: 
o
Inverter Size: 85mm x 55mm x 22mm (3.4in x 2.2in x 0.85in) 
o
JST cable length: approx. 20 cm 
o
Weight (without batteries): 60g 
 
 
 
                                               https://www.adafruit.com/product/564 8‐8‐17 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com