Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP5083 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SP5083
Description  Thermoelectric Cooler
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SP5083 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SP5083 Datasheet HTML 1Page - List of Unclassifed Manufacturers SP5083 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
marlow industries inc.®
Thermoelectric Cooler
SP5083
102-0220, Rev B
Performance Values
Mechanical Characteristics
.237
[6.02]
.322
[8.18]
2.00 ±.25
[50.80 ±6.35]
.065 ±.004
[1.65 ±.10]
.004[0.10] A
.001[0.03]
.001[0.03]
Positive Lead
Leads: 30 AWG Buss
Copper, Tin Over Nickel
Negative Lead
Cold Side, Tc
Hot Side, Th
Ceramic Material: Alumina (AC)
Millimeters are in [ ]
Ordering Options
•
For example, and SP5083 with only the hot side
metallized is specified as an SP5083-02AC
•
Pretinned metallized ceramic surface(s) with 96°C or
117°C solder.
Hot Side Temperature (°C)
27°C
85°C
∆ Tmax (°C-dry N2):
65
86
Qmax (watts):
3.2
4.0
Imax (amps):
1.9
1.8
Vmax (vdc):
2.61
3.31
AC Resistance (ohms):
1.19
---
SP5083-01
both surfaces are metallized
SP5083-02
hot side exterior is metallized
SP5083-03
no metallization


Similar Part No. - SP5083

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP508 SIPEX-SP508 Datasheet
246Kb / 27P
Rugged 40Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
SP508 SIPEX-SP508 Datasheet
250Kb / 30P
Rugged 20Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
SP508 SIPEX-SP508 Datasheet
248Kb / 30P
Rugged 20Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
logo
Pro-Power
SP508/1.2/BLACK PROPOWER-SP508/1.2/BLACK Datasheet
185Kb / 8P
SP Series Heat Shrink Tubing
18/04/06 V1.0
SP508/1.2/BLUE PROPOWER-SP508/1.2/BLUE Datasheet
185Kb / 8P
SP Series Heat Shrink Tubing
18/04/06 V1.0
More results

Similar Description - SP5083

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DT3-2.5 ETC2-DT3-2.5 Datasheet
130Kb / 2P
Thermoelectric Cooler
DT3-6 ETC2-DT3-6 Datasheet
187Kb / 2P
Thermoelectric Cooler
DT6-2.5 ETC2-DT6-2.5 Datasheet
123Kb / 2P
Thermoelectric Cooler
DT12-2.5 ETC2-DT12-2.5 Datasheet
129Kb / 2P
Thermoelectric Cooler
MI2011T ETC2-MI2011T Datasheet
117Kb / 2P
Thermoelectric Cooler
MI2012T ETC2-MI2012T Datasheet
127Kb / 2P
Thermoelectric Cooler
TEC1-12708 ETC2-TEC1-12708 Datasheet
103Kb / 3P
Thermoelectric Cooler
logo
HB Electronic Component...
TEC1-12706 HB-TEC1-12706 Datasheet
124Kb / 3P
Thermoelectric Cooler
TEC1-12708 HB-TEC1-12708 Datasheet
108Kb / 3P
Thermoelectric Cooler
TEC1-12730 HB-TEC1-12730 Datasheet
113Kb / 3P
Thermoelectric Cooler
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com