Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

625 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 625
Description  Electroluminescent (EL) Panel - 10cm x 10cm White
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

625 Datasheet(HTML) 2 Page - Adafruit Industries

  625 Datasheet HTML 1Page - Adafruit Industries 625 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-
DESCRIPTION
EL panel is the big sister to EL wire - it has the same glow effect but with a flat
shape instead of a round shape. This is a big sheet of flexible plastic coated with EL
material so its like one big glowing square. It emits an even glow over the entire
shape. The glowing part of the panel is 10 cm x 10 cm (approx: 4" x 4").There's a
plastic coating is about 10.4cm x 10.4cm. Its covered in what seems to be PVC, the
tape is thus weather-proof - but note that the connectors are NOT waterproof, just
a bit of heatshrink. This isn't something we would suggest leaving outdoors for
extended periods.
You can attach it by sewing through the clear plastic edging, or gluing the back to
a flat surface. It is flexible but will crease and damage if folded. You can cut the
panel up as long as the shape you cut out is continuous and has the JST cable
attached.
This panel is a slightly blue-tinted white color when lit and appears pink when off.
Like all EL products, an inverter is REQUIRED to operate the panel Because EL tape
has more surface area than wire, it requires a more powerful inverter. We suggest
you use our 4xAAA inverter which is strong enough to power a single panel at once
- plug it in and turn it on! For more permanent installations, the 12V EL inverter
can also power a single panel and run off 8xAA batteries or a wall adapter.
Please note! EL tape, EL wire and EL panel are made with different processes and so
the color and brightness will not be consistent between the two: white tape, white
wire and white panels will not necessarily match!
Page 2 of 2
7/27/2015
http://www.adafruit.com/products/625



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com