Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

680 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 680
Description  Diffused 5mm Fast Flashing RGB LED - 10 pack - Flashing Effect
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

680 Datasheet(HTML) 2 Page - Adafruit Industries

  680 Datasheet HTML 1Page - Adafruit Industries 680 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
 
 
They're fairly bright LEDs, we guess its something around 1000 mcd total.
They do diffuse nicely so you can the color changing from any angle. The
forward voltage of the whole LED is about 3.4VDC but you can drive them
from a lithium coin cell like a CR2032 and they'll just be a little dimmer.
We don't have a datasheet showing the current draw over different
voltages and colors but at the 'rated' 3.4V its approx 20 mA and at 3.0V
its approx 10mA.
Comes in a pack of 10 LEDs! Although the LEDs are all the same shape
and have the same basic program, due to manufacturing variables they
will not sync together - they'll slowly drift in and out of sync.
TECHNICAL DETAILS
5mm diffused RGB LED
Two leads
Power with 3-3.4VDC
Current draw: 10-20mA depending on voltage and displayed color
                                                https://www.adafruit.com/product/680 12‐3‐18 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com