Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

831 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 831
Description  EL Wire Sound Activated Pocket Inverter - 5V USB Power
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

831 Datasheet(HTML) 2 Page - Adafruit Industries

  831 Datasheet HTML 1Page - Adafruit Industries 831 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Soldering to raw EL wire is a little tricky but luckily we wrote a detailed step-by-step
tutorial! The tutorial also covers a lot of information about EL and how it works.
Technical Details
Dimensions:
Inverter Size: 67mm x 51mm x 22mm (2.6in x 2.0in x 0.9in)
JST cable length: approx. 20 cm
Weight: 41.80g
https://www.adafruit.com/product/831_2-10-22



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com