Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

911 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 911
Description  NTSC/PAL (Television) TFT Display - 2.0" Diagonal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

911 Datasheet(HTML) 2 Page - Adafruit Industries

  911 Datasheet HTML 1Page - Adafruit Industries 911 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Please note, these miniature displays are very delicate and require care to avoid ripping the delicate
flex connector. These are best used by electronics geeks who have experience and are comfortable
working with delicate electronic components. WE CANNOT REPLACE DAMAGED DISPLAYS if
you are not careful and rip the flex connector!
Technical Details
o
Power with 6-12VDC only into onboard buck converter
o
50mA power draw at 12V, 120mA at 5V
o
Control board measures 48mm x 32mm
o
Four 3mm drill holes on a 43mm x 28mm square
o
Visible display dimensions: 40.672mm x 30.48mm
o
Resolution: 320 x 240
o
Dot Pitch: 0.0635mm wide x 0.127mm high
o
Display metal case dimensions: 46.1mm x 40.96 x 2.53mm
                              Engineered in NYC Adafruit ® https://www.adafruit.com/product/911 6‐28‐17 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com