Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TESTO810 Datasheet(PDF) 4 Page - Testo SE & Co. KGaA

Part # TESTO810
Description  Innovative Pocket-Sized Measurement Technology
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TESTO [Testo SE & Co. KGaA]
Direct Link  https://www.testo.com/en-US/
Logo TESTO - Testo SE & Co. KGaA

TESTO810 Datasheet(HTML) 4 Page - Testo SE & Co. KGaA

  TESTO810 Datasheet HTML 1Page - Testo SE & Co. KGaA TESTO810 Datasheet HTML 2Page - Testo SE & Co. KGaA TESTO810 Datasheet HTML 3Page - Testo SE & Co. KGaA TESTO810 Datasheet HTML 4Page - Testo SE & Co. KGaA TESTO810 Datasheet HTML 5Page - Testo SE & Co. KGaA TESTO810 Datasheet HTML 6Page - Testo SE & Co. KGaA TESTO810 Datasheet HTML 7Page - Testo SE & Co. KGaA TESTO810 Datasheet HTML 8Page - Testo SE & Co. KGaA TESTO810 Datasheet HTML 9Page - Testo SE & Co. KGaA Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Committing to the future
testo 610
Technical data
Temperature
Measuring range:-10 to 50 °C
Resolution:
0.1 °C
Accuracy:
± 0.5 °C
Units:
°C/°F
Humidity
Measuring range:0 to100 %rh
Resolution:
0.1 %rh
Accuracy:
± 2.5 %rh
(5 to 95 %rh)
Units:
%rh, wet bulb,
dewpoint
Oper. temp.:
10 to 50 °C
Battery type:
Alkaline (2 x AAA)
Battery life:
200 h. (average, without
display illumination)
Dimensions
(incl. protective cap)
:119 x 46 x 25 mm
Testo 610 - Air
temperature and
humidity measurement
Included in delivery:
Calibration protocol · Wrist strap
Belt holder · Protective cap · Batteries
- Long-term drift-free
Testo humidity sensor
- 2.5 %rh accuracy with
calibration protocol
- Including dewpoint calculation
and wet bulb
- Hold function and
max./min. values
Part no. 0560 0610



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com