Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDL Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # PDL
Description  Vinyl Coated Cloth Tape – GMC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PDL Datasheet(HTML) 1 Page - PANDUIT CORP.

  PDL Datasheet HTML 1Page - PANDUIT CORP. PDL Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
18900 Panduit Drive
Tinley Park, IL 60487
Customer Service: 800-777-3300
TDS:
Effective Date:
Revision:
GMC
16JUL12
4
Technical Data Sheet
Page 1 of 2
 2007 PANDUIT Corp
TDS: GMC
Vinyl Coated Cloth Tape – GMC
This specification is intended to outline the physical and chemical properties of PANDUIT’s pressure sensitive vinyl coated cloth
material and include the following part numbers and printable material identifiers:
Part Number Prefixes
Printable Material Suffixes
PDL*
PCL*
PESC-*-*
CBD
PCMH-*
PARW125-*
PCM-*
PCWL-*
PRODUCT SPECIFICATIONS:
Description:
Material is RoHS compliant (European Union directive 2002/95/EC).
Material is a coated vinyl cloth with a rubber –based pressure sensitive
adhesive. This material is used in flat applications and in a wrap format
for wire/cable marking.
Print Methods:
This material is preprinted and also recommended for dot matrix printing.
Adhesive:
Repositionable rubber based, pressure sensitive adhesive
Standard Colors:
White, yellow
Thickness:
8.0 +/- 0.7 mils (substrate and adhesive)
Service Temperature Range:
50°F to 170°F (10°C to 77°C)
Minimum Application Temperature:
60°F (16°C)
Storage Conditions:
Store at 70°F (21°C) and 50% Relative Humidity.
PROPERTIES:
PERFORMANCE:
Peel Adhesion to Stainless Steel:
28 oz/in width (PSTC-101, 15 min. dwell)
Shear Adhesion:
3 hours (PSTC-107, modified procedure A)
Tensile Strength:
MD 45 +/- 4.5 lbs./inch width (PSTC-131)
UV Resistance:
*3000 hours no change observed (ASTM G154)
Elevated Temperature Exposure:
After 8 hours at 150°F (65.5°C) there was no deterioration of the substrate
*3000 hours equates to 5 years of assimilated
outdoor UV exposure.


Similar Part No. - PDL

ManufacturerPart #DatasheetDescription
logo
Wabash Transformer Inc.
PDL-012-10 WABASH-PDL-012-10 Datasheet
638Kb / 3P
The Compact Power Transformer
PDL-012-120 WABASH-PDL-012-120 Datasheet
638Kb / 3P
The Compact Power Transformer
PDL-012-126 WABASH-PDL-012-126 Datasheet
638Kb / 3P
The Compact Power Transformer
PDL-012-16 WABASH-PDL-012-16 Datasheet
638Kb / 3P
The Compact Power Transformer
PDL-012-20 WABASH-PDL-012-20 Datasheet
638Kb / 3P
The Compact Power Transformer
More results

Similar Description - PDL

ManufacturerPart #DatasheetDescription
logo
3M Electronics
SUPER33 3M-SUPER33 Datasheet
32Kb / 3P
Vinyl Electrical Tape
Rev D
TEMFLEX1300 3M-TEMFLEX1300 Datasheet
88Kb / 2P
Vinyl Electrical Tape
1500 3M-1500 Datasheet
175Kb / 2P
Venture Tape™ Cloth Duct Tape
Apr-2015
1501 3M-1501 Datasheet
173Kb / 2P
Venture Tape™ Cloth Duct Tape
Apr-2015
1502 3M-1502 Datasheet
176Kb / 2P
Venture Tape™ Metallized Cloth Duct
Apr-2015
398FR 3M-398FR Datasheet
14Kb / 2P
Glass Cloth Tape
06-Feb-2003
6910 3M-6910 Datasheet
14Kb / 2P
Cloth Gaffers Tape
390 3M-390 Datasheet
572Kb / 5P
3M™ Scotch® Polyethylene Coated Cloth Tape
Nov-2010
471 3M-471 Datasheet
32Kb / 3P
Vinyl Tape
5451 3M-5451 Datasheet
318Kb / 2P
PTFE Glass Cloth Tape
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com