Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ2000TPW.B Datasheet(PDF) 13 Page - Texas Instruments

Part # BQ2000TPW.B
Description  Programmable Multi-Chemistry Fast-Charge Management IC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ2000TPW.B Datasheet(HTML) 13 Page - Texas Instruments

Back Button BQ2000TPW.B Datasheet HTML 9Page - Texas Instruments BQ2000TPW.B Datasheet HTML 10Page - Texas Instruments BQ2000TPW.B Datasheet HTML 11Page - Texas Instruments BQ2000TPW.B Datasheet HTML 12Page - Texas Instruments BQ2000TPW.B Datasheet HTML 13Page - Texas Instruments BQ2000TPW.B Datasheet HTML 14Page - Texas Instruments BQ2000TPW.B Datasheet HTML 15Page - Texas Instruments BQ2000TPW.B Datasheet HTML 16Page - Texas Instruments BQ2000TPW.B Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
C ELL
B1
B2
MC V
V
R
=
N
1
R
V
æ
ö
´
-
ç
÷
è
ø
BAT+
Q1
FMMT718
D2
ZHCS1000
L1
47 H
m
C9
1000pF
R12
120 W
Q2
MMBT3904LT1
C6
47 F
m
D5
MMSD914LT
D3
MMSD914LT
D4
S1A
DC-
R10
1kW
D1
RED
R2
2kW
C3
10 F
m
D6
BZT52-C5V1
R1
100kW
RC 6
LED
3
BAT
4
VSS
2
TS
5
VCC 7
SNS
1
MOD 8
U1
bq2000T
C4
0.0022 F
m
R4
12.4kW
VCC
C7
4.7pF
C8
0.33 F
m
Q3
MMBT3904LT1
R11
220 W
R6
210kW
C5
10 F
m
BAT-
THERM
CHEMISTRY
R7
200kW
R9
221kW
R5
20kW
C1
0.1 mF
R8
6.81kW
C2
0.1 mF
NOTES:
1.ForLi-Ion,CHEMISTRY isleftfloating.
ForNiCd/NiMH,CHEMISTRY istiedtoBAT-
2.DCinputvoltage:9–16V
4.L1:3L GlobalP/NPKSMD-1005-470K-1A
3.Chargecurrent:1A
R13
1.1kW
R3
0.05 W
DC+
bq2000T
www.ti.com
SLUS149D – MAY 1999 – REVISED JANUARY 2010
BATTERY VOLTAGE INPUT
As shown in Figure 3, a resistor voltage-divider between the battery pack's positive terminal and VSS scales the
battery voltage measured at the BAT pin.
For Li-Ion battery packs, the resistor values RB1 and RB2 are calculated by the following equation:
(5)
where N is the number of cells in series and VCELL is the manufacturer-specified charging voltage. RB1 + RB2
should be at least 200 k
Ω and no more than 1 MΩ.
A NiCd or NiMH battery pack consisting of N series cells may benefit by the selection of the RB1 value to be N–1
times larger than the RB2 value. This sets the per cell regulation voltage (VCELL) equal to VMCV. It is critical that
VCELL be set high enough that the nickel pack not reach voltage regulation, thus allowing proper termination by
ΔT/Δt. The typical VCELL setting for a nickel pack is between 1.7 V and 2 V.
In a mixed-chemistry design, a common voltage-divider is used as long as the maximum charge voltage of the
nickel-based pack is below that of the Li-Ion pack. Otherwise, different scaling is required. See Figure 11 for an
example.
Figure 11. Single-Cell Li-Ion, 3-Cell NiCd/NiMH 1-A Charger
Copyright © 1999–2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): bq2000T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com