Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74ACT299M96 Datasheet(PDF) 4 Page - Texas Instruments

Part # CD74ACT299M96
Description  CDx4AC299, CD74AC323, CDx4ACT299 8-Lnput Universal Shift/Storage Register with Common Parallel I/O Pins
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74ACT299M96 Datasheet(HTML) 4 Page - Texas Instruments

  CD74ACT299M96 Datasheet HTML 1Page - Texas Instruments CD74ACT299M96 Datasheet HTML 2Page - Texas Instruments CD74ACT299M96 Datasheet HTML 3Page - Texas Instruments CD74ACT299M96 Datasheet HTML 4Page - Texas Instruments CD74ACT299M96 Datasheet HTML 5Page - Texas Instruments CD74ACT299M96 Datasheet HTML 6Page - Texas Instruments CD74ACT299M96 Datasheet HTML 7Page - Texas Instruments CD74ACT299M96 Datasheet HTML 8Page - Texas Instruments CD74ACT299M96 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4 Specifications
4.1 Absolute Maximum Ratings
MIN
MAX
UNIT
VCC
Supply voltage range
-0.5
7
V
IIK
Input diode current
( VI < -0.5 V or VI > VCC ±
0.5 V)
±20
mA
IOK
Output diode current
(VO < -0.5 V or VO > VCC +
0.5 V)
±50
mA
IO
Output source or sink current per output pin
(VO > -0.5 V or VO < VCC +
0.5 V)
±50
mA
VCC or ground current, ICC or IGND
±100
mA
(1)
TA
Operating-temperature range
-55
+125
°C
Tstg
Storage temperature
-65
+150
°C
(1)
For up to 4 outputs per device; add ± 25 mA for each additional output.
4.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
4.3 Recommended Operating Conditions:
For maximum reliability, normal operating conditions should be selected so that operation is always within the following
ranges:
MIN
MAX
UNIT
VCC
(1)
Supply-Voltage :
(For TA = Full Package-Temperature Range)
AC Types
1.5
5.5
V
ACT Types
4.5
5.5
V
VI, VO
Input or Output voltage
0
VCC
V
TA
Operating Temperature
-55
+125
°C
dt/dv
Input Rise and Fall Slew Rate
at 1.5 V to 3 V (AC Types)
0
50
ns/V
at 3.6 V to 5.5 V (AC Types)
0
20
ns/V
at 4.5 V to 5.5 V (ACT Types)
0
10
ns/V
(1)
Unless otherwise specified, all voltages are referenced to ground.
4.4 Thermal Information
THERMAL METRIC(1)
CDx4AC(T)299/
CD74AC323
UNIT
DW (SOIC, 20)
20 PINS
RθJA
Junction-to-ambient thermal resistance
40
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
CD54AC299, CD74AC299, CD74AC323, CD54ACT299, CD74ACT299
SCHS288A – DECEMBER 1998 – REVISED DECEMBER 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: CD54AC299 CD74AC299 CD74AC323 CD54ACT299 CD74ACT299



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com