Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74HC366M96 Datasheet(PDF) 1 Page - Texas Instruments

Part # CD74HC366M96
Description  High Speed CMOS Logic Hex Buffer/Line Driver, Three-State Non-Inverting and Inverting
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74HC366M96 Datasheet(HTML) 1 Page - Texas Instruments

  CD74HC366M96 Datasheet HTML 1Page - Texas Instruments CD74HC366M96 Datasheet HTML 2Page - Texas Instruments CD74HC366M96 Datasheet HTML 3Page - Texas Instruments CD74HC366M96 Datasheet HTML 4Page - Texas Instruments CD74HC366M96 Datasheet HTML 5Page - Texas Instruments CD74HC366M96 Datasheet HTML 6Page - Texas Instruments CD74HC366M96 Datasheet HTML 7Page - Texas Instruments CD74HC366M96 Datasheet HTML 8Page - Texas Instruments CD74HC366M96 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
High Speed CMOS Logic Hex Buffer/Line Driver, Three-State Non-Inverting and
Inverting
1 Features
• Buffered inputs
• High current bus driver outputs
• Typical propagation delay tPLH, tPHL = 8 ns
at VCC = 5 V, CL = 15 pF, TA = 25℃
• Fanout (over temperature range)
– Standard outputs: 10 LSTTL Loads
– Bus driver outputs: 15 LSTTL Loads
• Wide operating temperature range: -55
℃ to 125℃
• Balanced propagation delay and transition times
• Significant power reduction compared to LSTTL
Logic ICs
• HC types
– 2 V to 6 V operation
– High Noise Immunity: NIL = 30%, NIH = 30% of
VCC at VCC = 5 V
• HCT types
– 4.5 V to 5.5 V operation
– Direct LSTTL input logic compatibility,
VIL = 0.8 V (max), VIH = 2 V (min)
– CMOS input compatibility, II ≤ 1µA at VOL,VOH
2 Description
The ’HC365, ’HCT365, and ’HC366 silicon gate
CMOS three-state buffers are general purpose high-
speed non-inverting and inverting buffers.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
CD54HC365
J (CERDIP, 16)
19.56 x 6.92 mm
CD54HC366
J (CERDIP, 16)
19.56 x 6.92 mm
CD54HCT365
J (CERDIP, 16)
19.56 x 6.92 mm
CD74HC365
N (PDIP, 16)
19.30 x 6.35 mm
D (SOIC, 16)
9.90 x 3.90 mm
D (SOIC, 16)
9.90 x 3.90 mm
D (SOIC, 16)
9.90 x 3.90 mm
CD74HC366
N (PDIP, 16)
19.30 x 6.35 mm
D (SOIC, 16)
9.90 x 3.90 mm
D (SOIC, 16)
9.90 x 3.90 mm
CD74HCT365
N (PDIP, 16)
19.30 x 6.35 mm
D (SOIC, 16)
9.90 x 3.90 mm
D (SOIC, 16)
9.90 x 3.90 mm
D (SOIC, 16)
9.90 x 3.90 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
Logic Diagram for the HC/HCT365 and HC366 (Outputs for HC/HCT365 are Complements of Those
Shown, i.e., 1Y, 2Y, etc.)
A.
Inverter not included in HC/HCT 365.
CD54HC365, CD74HC365, CD54HCT365
CD74HCT365, CD54HC366, CD74HC366
SCHS180D – NOVEMBER 1997 – REVISED JULY 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CD74HC366M96

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC366M96 TI-CD74HC366M96 Datasheet
283Kb / 13P
High Speed CMOS Logic Hex Buffer/Line Driver, Three-State Non-Inverting and Inverting
CD74HC366M96 TI-CD74HC366M96 Datasheet
428Kb / 15P
High Speed CMOS Logic Hex Buffer/Line Driver Three-State Non-Inverting and Inverting
CD74HC366M96 TI-CD74HC366M96 Datasheet
569Kb / 16P
High Speed CMOS Logic Hex Buffer/Line Driver, Three-State Non-Inverting and Inverting
CD74HC366M96E4 TI-CD74HC366M96E4 Datasheet
428Kb / 15P
High Speed CMOS Logic Hex Buffer/Line Driver Three-State Non-Inverting and Inverting
CD74HC366M96G4 TI-CD74HC366M96G4 Datasheet
428Kb / 15P
High Speed CMOS Logic Hex Buffer/Line Driver Three-State Non-Inverting and Inverting
More results

Similar Description - CD74HC366M96

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC365 TI-CD74HC365 Datasheet
48Kb / 8P
High Speed CMOS Logic Hex Buffer/Line Driver, Three-State Non-Inverting and Inverting
CD74HC367 TI-CD74HC367 Datasheet
48Kb / 8P
High Speed CMOS Logic Hex Buffer/Line Driver, Three-State Non-Inverting and Inverting
CD54HCT367 TI-CD54HCT367 Datasheet
270Kb / 11P
High-Speed CMOS Logic Hex Buffer/Line Driver, Three-State Non-Inverting and Inverting
CD74HC366 TI-CD74HC366 Datasheet
283Kb / 13P
High Speed CMOS Logic Hex Buffer/Line Driver, Three-State Non-Inverting and Inverting
CD54HC365 TI-CD54HC365 Datasheet
428Kb / 15P
High Speed CMOS Logic Hex Buffer/Line Driver Three-State Non-Inverting and Inverting
CD54HC367 TI-CD54HC367_07 Datasheet
430Kb / 16P
High-Speed CMOS Logic Hex Buffer/Line Driver,Three-State Non-Inverting and Inverting
CD54HC367 TI-CD54HC367_08 Datasheet
460Kb / 16P
High-Speed CMOS Logic Hex Buffer/Line Driver, Three-State Non-Inverting and Inverting
CD54HC367 TI-CD54HC367_08 Datasheet
570Kb / 17P
High-Speed CMOS Logic Hex Buffer/Line Driver, Three-State Non-Inverting and Inverting
CD54HC365 TI-CD54HC365_08 Datasheet
569Kb / 16P
High Speed CMOS Logic Hex Buffer/Line Driver, Three-State Non-Inverting and Inverting
CD74HC366-Q1 TI1-CD74HC366-Q1 Datasheet
549Kb / 12P
HIGH-SPEED CMOS LOGIC HEX BUFFER/LINE DRIVER, THREE-STATE NON-INVERTING AND INVERTING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com