Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74HC366E Datasheet(PDF) 4 Page - Texas Instruments

Part # CD74HC366E
Description  High Speed CMOS Logic Hex Buffer/Line Driver, Three-State Non-Inverting and Inverting
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74HC366E Datasheet(HTML) 4 Page - Texas Instruments

  CD74HC366E Datasheet HTML 1Page - Texas Instruments CD74HC366E Datasheet HTML 2Page - Texas Instruments CD74HC366E Datasheet HTML 3Page - Texas Instruments CD74HC366E Datasheet HTML 4Page - Texas Instruments CD74HC366E Datasheet HTML 5Page - Texas Instruments CD74HC366E Datasheet HTML 6Page - Texas Instruments CD74HC366E Datasheet HTML 7Page - Texas Instruments CD74HC366E Datasheet HTML 8Page - Texas Instruments CD74HC366E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
5 Specifications
5.1 Absolute Maximum Ratings(1)
MIN
MAX
UNIT
VCC
DC supply voltage
-0.5
7
V
IIK
DC input diode current
For VI < -0.5 V or VI > VCC
+ 0.5 V
±20
mA
IOK
DC output diode current
For VO < -0.5 V or VO >
VCC + 0.5
±20
mA
IO
DC drain current, per output
For -0.5 V < VO < VCC +
0.5 V
±35
mA
IO
DC output source or sink current per output pin
For VO > -0.5 V or VO <
VCC + 0.5 V
±25
mA
ICC
DC VCC or ground current
±50
mA
TJ
Maximum junction temperature
150
℃
Tstg
Maximum storage temperature range
-65
150
℃
Maximum lead temperature (soldering 10s)SOIC - lead tips
only
300
℃
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
5.2 Operating Conditions
MIN
MAX
UNIT
VCC
Supply voltage range
HC Types
2
6
V
HCT Types
4.5
5.5
V
VI, VO
DC input or output voltage
0
VCC
V
Input rise and fall time
2 V
1000
ns
4.5 V
500
6 V
400
TA
Temperature range
-55
125
℃
5.3 Thermal Information
THERMAL METRIC
N (PDIP)
D (SOIC)
UNIT
16 PINS
16 PINS
RθJA
Junction-to-ambient thermal resistance
(1)
67
73
°C/W
(1)
The package thermal impedance is calculated in accordance with JESD 51 - 7
CD54HC365, CD74HC365, CD54HCT365
CD74HCT365, CD54HC366, CD74HC366
SCHS180D – NOVEMBER 1997 – REVISED JULY 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: CD54HC365 CD74HC365 CD54HCT365 CD74HCT365 CD54HC366 CD74HC366



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com