Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74ACT374M Datasheet(PDF) 10 Page - Texas Instruments

Part # CD74ACT374M
Description  CDx4AC374, CDx4ACT374, CD74AC534 Octal D-Type Flip-Flops, 3-State Positive- Edge Triggered
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74ACT374M Datasheet(HTML) 10 Page - Texas Instruments

Back Button CD74ACT374M Datasheet HTML 6Page - Texas Instruments CD74ACT374M Datasheet HTML 7Page - Texas Instruments CD74ACT374M Datasheet HTML 8Page - Texas Instruments CD74ACT374M Datasheet HTML 9Page - Texas Instruments CD74ACT374M Datasheet HTML 10Page - Texas Instruments CD74ACT374M Datasheet HTML 11Page - Texas Instruments CD74ACT374M Datasheet HTML 12Page - Texas Instruments CD74ACT374M Datasheet HTML 13Page - Texas Instruments CD74ACT374M Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Figure 5-3. Propagation Delay Times and Test Circuit.
CDx4AC
CDx4ACT
Input Level
VCC
3 V
Input Switching Voltage, VS
0.5 VCC
1.5 V
Output Switching Voltage. VS
0.5 VCC
0.5 VCC
CD74AC374, CD54AC374, CD54ACT374, CD74ACT374, CD74AC534
SCHS290A – DECEMBER 1998 – REVISED MARCH 2024
www.ti.com
10
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: CD74AC374 CD54AC374 CD54ACT374 CD74ACT374 CD74AC534



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com