Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74HC151M Datasheet(PDF) 1 Page - Texas Instruments

Part # CD74HC151M
Description  CDx4HC151, CDx4HCT151 High-Speed CMOS Logic 8-Input Multiplexer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74HC151M Datasheet(HTML) 1 Page - Texas Instruments

  CD74HC151M Datasheet HTML 1Page - Texas Instruments CD74HC151M Datasheet HTML 2Page - Texas Instruments CD74HC151M Datasheet HTML 3Page - Texas Instruments CD74HC151M Datasheet HTML 4Page - Texas Instruments CD74HC151M Datasheet HTML 5Page - Texas Instruments CD74HC151M Datasheet HTML 6Page - Texas Instruments CD74HC151M Datasheet HTML 7Page - Texas Instruments CD74HC151M Datasheet HTML 8Page - Texas Instruments CD74HC151M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
CDx4HC151, CDx4HCT151 High-Speed CMOS Logic 8-Input Multiplexer
1 Features
• Complementary data outputs
• Buffered inputs and outputs
• Fanout (over temperature range)
– Standard outputs: 10 LSTTL Loads
– Bus driver outputs: 15 LSTTL Loads
• Wide operating temp range: -55°C° to 125°C
• Balanced propagation delay and transition times
• Significant power reduction compared to LSTTL
Logic ICs
• Alternate source is Philips/Signetics
• HC Types
– 2 V to 6 V operation
– High noise immunity: NIL = 30%, NIH = 30% of
VCC at VCC = 5 V
• HCT Types
– 4.5 V to 5.5 V Operation
– Direct LSTTL input logic compatibility,
VIL = 0.8 V (Max), VIH = 2 V (Min)
– CMOS input compatibility, II ≤ 1μA at VOL, VOH
2 Description
The ’HC151 and ’HCT151 are single 8-channel digital
multiplexers having three binary control inputs, A, B
and C and an active low enable (G) input. The three
binary signals select 1 of 8 channels. Outputs are
both inverting (W) and non-inverting (Y).
Device Information
PART NUMBER
PACKAGE
(1)
BODY SIZE (NOM)
CD74HC151M
SOIC (16)
9.90 mm × 3.90 mm
CD74HC151E
PDIP (16)
19.31 mm × 6.35 mm
CD54HC151F3A
CDIP (16)
24.38 mm × 6.92 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
000
001
010
011
100
101
110
111
A
B
C
CBA
D
0
D
1
D
2
D
3
D
4
D
5
D
6
D
7
Y
W
G
Functional Diagram
CD54HC151, CD74HC151, CD54HCT151, CD74HCT151
SCHS150D – SEPTEMBER 1998 – REVISED NOVEMBER 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CD74HC151M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC151M TI-CD74HC151M Datasheet
267Kb / 12P
High-Speed CMOS Logic 8-Input Multiplexer
CD74HC151M TI-CD74HC151M Datasheet
411Kb / 14P
High-Speed CMOS Logic 8-Input Multiplexer
CD74HC151M96 TI-CD74HC151M96 Datasheet
267Kb / 12P
High-Speed CMOS Logic 8-Input Multiplexer
CD74HC151M96 TI-CD74HC151M96 Datasheet
411Kb / 14P
High-Speed CMOS Logic 8-Input Multiplexer
CD74HC151M96E4 TI-CD74HC151M96E4 Datasheet
267Kb / 12P
High-Speed CMOS Logic 8-Input Multiplexer
More results

Similar Description - CD74HC151M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54-74HC354 TI-CD54-74HC354 Datasheet
304Kb / 11P
HIGH-SPEED CMOS LOGIC(8-INPUT MULTIPLEXER/REGISTER, 3-STATE)
CD74HC151 TI-CD74HC151 Datasheet
42Kb / 7P
High Speed CMOS Logic 8-Input Multiplexer
CD74HC251 TI-CD74HC251 Datasheet
37Kb / 7P
High Speed CMOS Logic 8-Input Multiplexer; Three-State
CD54HC151 TI-CD54HC151 Datasheet
267Kb / 12P
High-Speed CMOS Logic 8-Input Multiplexer
CD74HCT356 TI-CD74HCT356 Datasheet
235Kb / 8P
High-Speed CMOS Logic 8-Input Multiplexer/Register, Three-State
CD54HCT251 TI-CD54HCT251 Datasheet
271Kb / 11P
High-Speed CMOS Logic 8-Input Multiplexer, Three-State
CD54HC151 TI-CD54HC151_07 Datasheet
411Kb / 14P
High-Speed CMOS Logic 8-Input Multiplexer
CD74HC253M TI1-CD74HC253M Datasheet
397Kb / 14P
High-Speed CMOS Logic Dual 4-Input Multiplexer
CD74HC253M TI-CD74HC253M Datasheet
388Kb / 14P
High-Speed CMOS Logic Dual 4-Input Multiplexer
CD54HC251 TI1-CD54HC251_14 Datasheet
463Kb / 16P
High-Speed CMOS Logic 8-Input Multiplexer, Three-State
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com